Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM2I99456 Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # ASM2I99456
Description  3.3V/2.5V LVCMOS Clock Fanout Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2I99456 Datasheet(HTML) 5 Page - PulseCore Semiconductor

  ASM2I99456 Datasheet HTML 1Page - PulseCore Semiconductor ASM2I99456 Datasheet HTML 2Page - PulseCore Semiconductor ASM2I99456 Datasheet HTML 3Page - PulseCore Semiconductor ASM2I99456 Datasheet HTML 4Page - PulseCore Semiconductor ASM2I99456 Datasheet HTML 5Page - PulseCore Semiconductor ASM2I99456 Datasheet HTML 6Page - PulseCore Semiconductor ASM2I99456 Datasheet HTML 7Page - PulseCore Semiconductor ASM2I99456 Datasheet HTML 8Page - PulseCore Semiconductor ASM2I99456 Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
November 2006
ASM2I99456
rev 0.3
3.3V/2.5V LVCMOS Clock Fanout Buffer
5 of 14
Notice: The information in this document is subject to change without notice.
Table 7. AC Characteristics (VCC = VCCA = VCCB = VCCC = 3.3V ± 5%, T
A = -40 to +85°C)
1
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input Frequency
0
250
2
MHz
÷1 output
0
250
2
MHz
FSELx=0
fMAX
Maximum Output
Frequency
÷2 output
0
125
MHz
FSELx=1
VPP
Peak-to-peak input voltage
PCLK
500
1000
mV
LVPECL
VCMR
3
Common Mode Range
PCLK
1.3
VCC-
0.8
V
LVPECL
tP, REF
Reference Input Pulse Width
1.4
nS
tr, tf
PCLK Input Rise/Fall Time
1.0
4
nS
0.8 to 2.0V
tPLH
CCLK to any Q
2.2
2.8
4.45
nS
tPHL
Propagation delay
CCLK to any Q
2.2
2.8
4.2
nS
tPLZ, HZ
Output Disable Time
10
nS
tPZL, LZ
Output Enable Time
10
nS
Within one bank
150
pS
Any output bank, same output
divider
200
pS
tsk(O)
Output-to-output
Skew
Any output, Any output divider
350
pS
tsk(PP)
Device-to-device Skew
2.25
nS
tSK(P)
Output pulse skew
5
200
pS
÷1 output
47
50
53
%
DCREF = 50%
DCQ
Output Duty Cycle
÷2 output
45
50
55
%
DCREF = 25%-75%
tr, tf
Output Rise/Fall Time
0.1
1.0
nS
0.55 to 2.4V
Note: 1 AC characteristics apply for parallel output termination of 50Ω to VTT.
2 The ASM2I99456 is functional up to an input and output clock frequency of 350MHz and is characterized up to 250 MHz.
3 VCMR (AC) is the crosspoint of the differential input signal. Normal AC operation is obtained when the crosspoint is within the VCMR range and the input
swing lies within the VPP (AC) specification.
4 Violation of the 1.0nS maximum input rise and fall time limit will affect the device propagation delay, device-to-device skew, reference input pulse width,
output duty cycle and maximum frequency specifications.
5 Output pulse skew is the absolute difference of the propagation delay times: | tPLH - tPHL |.
Table 8. DC Characteristics (VCC = VCCA = VCCB = VCCC = 2.5V ± 5%, T
A = -40 to +85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input high voltage
1.7
VCC + 0.3
V
LVCMOS
VIL
Input low voltage
-0.3
0.7
V
LVCMOS
VPP
Peak-to-peak Input voltage
PCLK
250
mV
LVPECL
VCMR
1
Common Mode Range
PCLK
1.1
VCC-0.7
V
LVPECL
VOH
Output High Voltage
1.8
V
IOH=-24 mA
2
VOL
Output Low Voltage
0.6
V
IOL= 15 mA
ZOUT
Output impedance
17 - 20
2
IIN
Input current
3
±200
µA
VIN=GND or VIN=VCC
ICCQ
4
Maximum Quiescent Supply Current
2.0
mA
All VCC Pins
Note:1 VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR range and the input
swing lies within the VPP (DC) specification.
2 The ASM2I99456 is capable of driving 50Ω transmission lines on the incident edge. Each output drives one 50Ω parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50Ω series terminated transmission lines.
3 Input pull-up / pull-down resistors influence input current.
4 ICCQ is the DC current consumption of the device with all outputs open and the input in its default state or open


Similar Part No. - ASM2I99456

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
ASM2I99456-32-ER ALSC-ASM2I99456-32-ER Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
ASM2I99456-32-ET ALSC-ASM2I99456-32-ET Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
ASM2I99456-32-LR ALSC-ASM2I99456-32-LR Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
ASM2I99456-32-LT ALSC-ASM2I99456-32-LT Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
More results

Similar Description - ASM2I99456

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
   2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
MPC9446 RENESAS-MPC9446 Datasheet
363Kb / 13P
   3.3V and 2.5V, LVCMOS Clock Fanout Buffer
2019
logo
Motorola, Inc
MPC9446 MOTOROLA-MPC9446 Datasheet
217Kb / 12P
   2.5V and 3.3V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9446 IDT-MPC9446 Datasheet
708Kb / 11P
   3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER
MPC9446AC IDT-MPC9446AC Datasheet
376Kb / 12P
   3.3V and 2.5V, LVCMOS Clock Fanout Buffer
logo
Freescale Semiconductor...
MPC9456 FREESCALE-MPC9456 Datasheet
292Kb / 12P
   2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
Motorola, Inc
MPC9443 MOTOROLA-MPC9443 Datasheet
333Kb / 16P
   2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
   3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9447 RENESAS-MPC9447 Datasheet
325Kb / 12P
   3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com