Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM2I9940LG-32-LR Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # ASM2I9940LG-32-LR
Description  Low Voltage 1:18 Clock Distribution Chip
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2I9940LG-32-LR Datasheet(HTML) 6 Page - PulseCore Semiconductor

Back Button ASM2I9940LG-32-LR Datasheet HTML 2Page - PulseCore Semiconductor ASM2I9940LG-32-LR Datasheet HTML 3Page - PulseCore Semiconductor ASM2I9940LG-32-LR Datasheet HTML 4Page - PulseCore Semiconductor ASM2I9940LG-32-LR Datasheet HTML 5Page - PulseCore Semiconductor ASM2I9940LG-32-LR Datasheet HTML 6Page - PulseCore Semiconductor ASM2I9940LG-32-LR Datasheet HTML 7Page - PulseCore Semiconductor ASM2I9940LG-32-LR Datasheet HTML 8Page - PulseCore Semiconductor ASM2I9940LG-32-LR Datasheet HTML 9Page - PulseCore Semiconductor ASM2I9940LG-32-LR Datasheet HTML 10Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
April 2007
ASM2I9940L
rev 1.2
Low Voltage 1:18 Clock Distribution Chip
6 of 13
Notice: The information in this document is subject to change without notice.
Table 9. DC Characteristics (T
A = -40° to +85°C, VCCI = 2.5V ± 5%, VCCO = 2.5V ± 5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
CMOS_CLK
2.0
VCCI
V
VIL
Input LOW Voltage
CMOS_CLK
0.8
V
VPP
Peak–to–Peak Input
Voltage
PECL_CLK
500
1000
mV
VCMR
Common Mode Range
PECL_CLK
VCC-1.0
VCC-0.6
V
VOH
Output HIGH Voltage
1.8
V
IOH = -20mA
VOL
Output LOW Voltage
0.5
V
IOH = 20mA
IIN
Input Current
±200
µA
CIN
Input Capacitance
4.0
pF
Cpd
Power Dissipation Capacitance
10
pF
per output
ZOUT
Output Impedance
18
23
28
ICC
Maximum Quiescent Supply Current
0.5
1.0
mA
Table 10. AC Characteristics (T
A =-40° to +85°C, VCCI = 2.5V ± 5%, VCCO = 2.5V ± 5%)
Symbol
Characteristic
Min
Typ Max
Unit
Condition
Fmax
Maximum Input Frequency
200
MHz
tPLH
Propagation Delay
PECL_CLK < 150MHz
CMOS_CLK < 150MHz
2.6
2.3
4.0
3.1
5.2
4.0
nS
Note
1.
tPLH
Propagation Delay
PECL_CLK > 150MHz
CMOS_CLK > 150MHz
2.8
2.3
3.8
3.1
5.0
4.0
nS
tsk(o)
Output-to-output Skew
Within one bank
PECL_CLK
CMOS_CLK
200
200
pS
Note
1.
tsk(pp)
Part–to–Part Skew
PECL_CLK < 150MHz
CMOS_CLK < 150MHz
2.6
1.7
nS
Notes
1,2
tsk(pp)
Part–to–Part Skew
PECL_CLK > 150MHz
CMOS_CLK > 150MHz
2.2
1.7
nS
Notes
1,2
tsk(pp)
Part–to–Part Skew
PECL_CLK
CMOS_CLK
1.2
1.0
nS
Notes
1,3
DC
Output Duty Cycle
fCLK < 134 MHz
fCLK <250 MHz
45
40
50
50
55
60
%
%
Input DC = 50%
Input DC = 50%
tr, tf
Output Rise/Fall Time
0.3
1.2
nS
0.5 - 1.8 V
Note: 1. Tested using standard input levels, Production tested @ 150MHz.
2. Across temperature and voltage ranges, includes output skew.
3. For a specific temperature and voltage, includes output skew.


Similar Part No. - ASM2I9940LG-32-LR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2I9940LG-32-LR ALSC-ASM2I9940LG-32-LR Datasheet
223Kb / 13P
   Low Voltage 1:18 Clock Distribution Chip
More results

Similar Description - ASM2I9940LG-32-LR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
   Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
logo
Alliance Semiconductor ...
ASM2I9942P ALSC-ASM2I9942P Datasheet
433Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
logo
PulseCore Semiconductor
PCS2I9942P PULSECORE-PCS2I9942P Datasheet
437Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
logo
Alliance Semiconductor ...
ASM2I9940L ALSC-ASM2I9940L Datasheet
223Kb / 13P
   Low Voltage 1:18 Clock Distribution Chip
logo
Motorola, Inc
MPC940L MOTOROLA-MPC940L Datasheet
91Kb / 5P
   LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Integrated Device Techn...
MPC942P IDT-MPC942P Datasheet
373Kb / 6P
   Low Voltage 1:18 Clock Distribution Chip
logo
Renesas Technology Corp
MPC940L RENESAS-MPC940L Datasheet
531Kb / 13P
   LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
October 4, 2016
logo
Motorola, Inc
MPC942C MOTOROLA-MPC942C Datasheet
232Kb / 4P
   LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
ON Semiconductor
ASM2I9940L ONSEMI-ASM2I9940L Datasheet
153Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
May, 2011 ??Rev. 0
logo
Alliance Semiconductor ...
ASM2I9942C ALSC-ASM2I9942C Datasheet
431Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK940L PHILIPS-PCK940L Datasheet
87Kb / 16P
   Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com