Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM2P5T9070AF-48TT Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # ASM2P5T9070AF-48TT
Description  2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P5T9070AF-48TT Datasheet(HTML) 4 Page - PulseCore Semiconductor

  ASM2P5T9070AF-48TT Datasheet HTML 1Page - PulseCore Semiconductor ASM2P5T9070AF-48TT Datasheet HTML 2Page - PulseCore Semiconductor ASM2P5T9070AF-48TT Datasheet HTML 3Page - PulseCore Semiconductor ASM2P5T9070AF-48TT Datasheet HTML 4Page - PulseCore Semiconductor ASM2P5T9070AF-48TT Datasheet HTML 5Page - PulseCore Semiconductor ASM2P5T9070AF-48TT Datasheet HTML 6Page - PulseCore Semiconductor ASM2P5T9070AF-48TT Datasheet HTML 7Page - PulseCore Semiconductor ASM2P5T9070AF-48TT Datasheet HTML 8Page - PulseCore Semiconductor ASM2P5T9070AF-48TT Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
November 2006
ASM2P5T9070A
rev 0.2
2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
4 of 9
Notice: The information in this document is subject to change without notice.
Power Supply Characteristics
Symbol
Parameter
Test Conditions
1
Typ
Max
Unit
IDDQ
Quiescent VDD Power Supply
Current
VDD= Max., Reference Clock = LOW
Outputs enabled, All outputs unloaded
1.5
2
mA
IDDD
Dynamic VDD Power Supply
Current per Output
VDD= Max., VDD= Max., CL= 0pF
150
200
µA/MHz
VDD= 2.5V., FREFERENCE CLOCK= 100MHz,
CL= 15pF
70
90
ITOT
Total Power VDD Supply
Current
VDD= 2.5V., FREFERENCE CLOCK= 200MHz,
CL= 15pF
100
150
mA
NOTE:
1. The termination resistors are excluded from these measurements.
Input AC Test Conditions
Symbol
Parameter
Value
Units
VIH
Input HIGH Voltage
VDD
V
VIL
Input LOW Voltage
0
V
VTH
Input Timing Measurement Reference Level
1
VDD/2
V
tR, tF
Input Signal Edge Rate
2
2
V/nS
NOTES:
1. A nominal 1.25V timing measurement reference level is specified to allow constant, repeatable results in an automatic test equipment (ATE) environment.
2. The input signal edge rate of 2V/nS or greater is to be maintained in the 10% to 90% range of the input waveform.
AC Electrical Characteristics Over Operating Range
4
Symbol
Parameter
Min
Typ
Max
Unit
Skew Parameters
tSK(O)
Same Device Output Pin-to-Pin Skew
1
25
pS
tSK(P)
Pulse Skew
2
300
pS
tSK(PP)
Part-to-Part Skew
3
300
pS
Propagation Delay
tPLH
tPHL
Propagation Delay A to Qn
2
nS
tR
Output Rise Time (20% to 80%)
350
850
pS
tF
Output Fall Time (20% to 80%)
350
850
pS
fO
Frequency Range
200
MHz
Output Gate Enable/Disable Delay
tPGE
Output Gate Enable to Qn
3.5
nS
tPGD
Output Gate Enable to Qn Driven to GL Designated Level
3
nS
NOTES:
1. Skew measured between all outputs under identical input and output transitions and load conditions on any one device.
2. Skew measured is the difference between propagation delay times tPHL and tPLH of any output under identical input and output transitions and load conditions
on any one device.
3. Skew measured is the magnitude of the difference in propagation times between any outputs of two devices, given identical transitions and load conditions at
identical VDD levels and temperature.
4. Guaranteed by design.


Similar Part No. - ASM2P5T9070AF-48TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM2P5T905A PULSECORE-ASM2P5T905A Datasheet
689Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
ASM2P5T905AF-28TR PULSECORE-ASM2P5T905AF-28TR Datasheet
689Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
ASM2P5T905AF-28TT PULSECORE-ASM2P5T905AF-28TT Datasheet
689Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
ASM2P5T905AG-28TR PULSECORE-ASM2P5T905AG-28TR Datasheet
689Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
ASM2P5T905AG-28TT PULSECORE-ASM2P5T905AG-28TT Datasheet
689Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
More results

Similar Description - ASM2P5T9070AF-48TT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T907 IDT-IDT5T907 Datasheet
105Kb / 17P
   2.5V SINGLE DATA RATE 1:10 CLOCK BUFFER TERABUFFER
IDT5T9070 IDT-IDT5T9070 Datasheet
57Kb / 7P
   2.5V SINGLE DATA RATE 1:10 CLOCK BUFFER TERABUFFER
logo
PulseCore Semiconductor
PCS2P5T907A PULSECORE-PCS2P5T907A Datasheet
752Kb / 21P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
logo
Renesas Technology Corp
5T907 RENESAS-5T907 Datasheet
428Kb / 20P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer™
Mar 2020
logo
Integrated Device Techn...
5T9050 IDT-5T9050 Datasheet
177Kb / 9P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
IDT5T905 IDT-IDT5T905 Datasheet
102Kb / 17P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER
5T90533 IDT-5T90533 Datasheet
223Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
logo
Renesas Technology Corp
5T9070 RENESAS-5T9070 Datasheet
367Kb / 10P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer™ Jr.
Mar 2020
logo
PulseCore Semiconductor
ASM2P5T905A PULSECORE-ASM2P5T905A Datasheet
689Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
logo
Integrated Device Techn...
IDT5T9050 IDT-IDT5T9050 Datasheet
52Kb / 7P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER??JR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com