Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM2P2304NZF-08-SR Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASM2P2304NZF-08-SR
Description  Four Output PCI-X and General Purpose Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P2304NZF-08-SR Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASM2P2304NZF-08-SR Datasheet HTML 1Page - PulseCore Semiconductor ASM2P2304NZF-08-SR Datasheet HTML 2Page - PulseCore Semiconductor ASM2P2304NZF-08-SR Datasheet HTML 3Page - PulseCore Semiconductor ASM2P2304NZF-08-SR Datasheet HTML 4Page - PulseCore Semiconductor ASM2P2304NZF-08-SR Datasheet HTML 5Page - PulseCore Semiconductor ASM2P2304NZF-08-SR Datasheet HTML 6Page - PulseCore Semiconductor ASM2P2304NZF-08-SR Datasheet HTML 7Page - PulseCore Semiconductor ASM2P2304NZF-08-SR Datasheet HTML 8Page - PulseCore Semiconductor ASM2P2304NZF-08-SR Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
January 2007
ASM2P2304NZ
rev 1.1
Four Output PCI-X and General Purpose Buffer
2 of 9
Notice: The information in this document is subject to change without notice.
1
2
3
4
5
6
7
8
Pin Configuration
Pin Description
Pin #
Pin Name
Type
Description
1
BUF_IN
1
I
Input clock. 5V Tolerant Input
2
OE
I
Input pin for Output Enable, active HIGH.
Connect to VDD
3
Output 1
2
O
Output 1
4
GND
P
Ground
5
Output 2
2
O
Output 2
6
VDD
P
3.3V Voltage Supply
7
Output 3
2
O
Output 3
8
Output 4
2
O
Output 4
Notes :
1.
Weak pull down on input
2.
Weak pull down on all outputs
OUTPUT 1
BUF_IN
OE
OUTPUT 4
OUTPUT 3
OUTPUT 2
GND
VDD
ASM2P2304NZ


Similar Part No. - ASM2P2304NZF-08-SR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2P2304NZF-08-TR ALSC-ASM2P2304NZF-08-TR Datasheet
667Kb / 8P
   Four Output PCI-X and General Purpose Buffer
ASM2P2304NZF-08-TT ALSC-ASM2P2304NZF-08-TT Datasheet
667Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
ON Semiconductor
ASM2P2304NZF-08-TT ONSEMI-ASM2P2304NZF-08-TT Datasheet
106Kb / 7P
   Four Output PCI-X and General Purpose Buffer
August, 2011 ??Rev. 3
More results

Similar Description - ASM2P2304NZF-08-SR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2P2304NZ ALSC-ASM2P2304NZ Datasheet
667Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
Cypress Semiconductor
CY2304NZ CYPRESS-CY2304NZ Datasheet
71Kb / 5P
   Four Output PCI-X and General Purpose Buffer
CY2304NZ CYPRESS-CY2304NZ_12 Datasheet
345Kb / 8P
   Four Output PCI-X and General Purpose Buffer
CY2304NZ CYPRESS-CY2304NZ_13 Datasheet
377Kb / 8P
   Four Output PCI-X and General Purpose Buffer
CY2304NZ CYPRESS-CY2304NZ_05 Datasheet
118Kb / 5P
   Four Output PCI-X and General Purpose Buffer
CY2304NZ CYPRESS-CY2304NZ_11 Datasheet
345Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
ON Semiconductor
ASM2P2304NZ ONSEMI-ASM2P2304NZ Datasheet
106Kb / 7P
   Four Output PCI-X and General Purpose Buffer
August, 2011 ??Rev. 3
logo
Integrated Circuit Syst...
ICS9DB104 ICST-ICS9DB104 Datasheet
105Kb / 13P
   Four Output Differential Buffer for PCI-Express
logo
Renesas Technology Corp
9DB401C RENESAS-9DB401C Datasheet
321Kb / 18P
   Four Output Differential Buffer for PCI Express
1/27/11
logo
Integrated Device Techn...
ICS9DB401C IDT-ICS9DB401C Datasheet
244Kb / 17P
   Four Output Differential Buffer for PCI Express
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com