Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM2P3807AG-20-AT Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASM2P3807AG-20-AT
Description  3.3V CMOS 1-TO-10 CLOCK DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P3807AG-20-AT Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASM2P3807AG-20-AT Datasheet HTML 1Page - PulseCore Semiconductor ASM2P3807AG-20-AT Datasheet HTML 2Page - PulseCore Semiconductor ASM2P3807AG-20-AT Datasheet HTML 3Page - PulseCore Semiconductor ASM2P3807AG-20-AT Datasheet HTML 4Page - PulseCore Semiconductor ASM2P3807AG-20-AT Datasheet HTML 5Page - PulseCore Semiconductor ASM2P3807AG-20-AT Datasheet HTML 6Page - PulseCore Semiconductor ASM2P3807AG-20-AT Datasheet HTML 7Page - PulseCore Semiconductor ASM2P3807AG-20-AT Datasheet HTML 8Page - PulseCore Semiconductor ASM2P3807AG-20-AT Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
November 2006
ASM2P3807A
rev 0.3
3.3V CMOS 1-TO-10 CLOCK DRIVER
2 of 18
Notice: The information in this document is subject to change without notice.
Pin Configuration
Pin Description
Pin#
Pin Names
Description
1
I N
Clock Inputs
3,5,7,9,11,12,14,16,18,19
O 1-O10
Clock Outputs
2,6,10,13,17
GND
Ground
4,8,15,20
Vcc
Power
Absolute Maximum Ratings
NOTES:
1. VCC terminals.
2. Input terminals.
3. Outputs and I/O terminals.
Symbol
Description
Max
Unit
VTERM
1
Terminal Voltage with Respect to GND
-0.5 to +4.6
V
VTERM
2
Terminal Voltage with Respect to GND
-0.5 to +7
V
VTERM
3
Terminal Voltage with Respect to GND
-0.5 to VCC+0.5
V
TSTG
Storage Temperature
-65 to +150
° C
IOUT
DC Output Current
-60 to +60
mA
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
SOIC / SSOP/ QSOP Packages
TOP VIEW
2
19
1
20
3
18
4
17
5
16
6
15
7
14
8
13
9
12
10
11
IN
GND
O1
VCC
O2
GND
O3
VCC
O4
GND
O5
O6
GND
O7
VCC
O8
GND
O9
O10
VCC
A
S
M
2
P
3
8
0
7
A


Similar Part No. - ASM2P3807AG-20-AT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2P3807AG-20-AT ALSC-ASM2P3807AG-20-AT Datasheet
692Kb / 19P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
More results

Similar Description - ASM2P3807AG-20-AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT3807D IDT-IDT74FCT3807D Datasheet
58Kb / 6P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807 IDT-IDT74FCT3807 Datasheet
67Kb / 8P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807D IDT-IDT74FCT3807D_09 Datasheet
63Kb / 6P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3807AH ALSC-ASM2P3807AH Datasheet
692Kb / 19P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT3807 IDT-IDT74FCT3807_14 Datasheet
109Kb / 8P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT3807D RENESAS-IDT74FCT3807D Datasheet
217Kb / 7P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
JULY 2006
logo
Pericom Semiconductor C...
PI49FCT32807 PERICOM-PI49FCT32807 Datasheet
383Kb / 6P
   3.3V 1:10 CMOS Clock Driver
logo
Potato Semiconductor Co...
PO49FCT32807 POTATO-PO49FCT32807 Datasheet
546Kb / 6P
   3.3V 1:10 CMOS Clock Buffered Driver
logo
Integrated Device Techn...
IDT74FCT38074 IDT-IDT74FCT38074_09 Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-4 CLOCK DRIVER
IDT74FCT38072 IDT-IDT74FCT38072 Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com