Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMO-3-1001-K-LF-TR Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # CMO-3-1001-K-LF-TR
Description  Commercial Grade Metal Oxide Resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CMO-3-1001-K-LF-TR Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  CMO-3-1001-K-LF-TR Datasheet HTML 1Page - IRC - a TT electronics Company. CMO-3-1001-K-LF-TR Datasheet HTML 2Page - IRC - a TT electronics Company. CMO-3-1001-K-LF-TR Datasheet HTML 3Page - IRC - a TT electronics Company. CMO-3-1001-K-LF-TR Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Commercial Grade
Metal Oxide Resistor
Electrical Data
IRC Type
Power
Rating at
70°C (W)
Resistance
Range*
(Ohms)
Tolerance
(±%)
TCR
(±ppm/°C)
Max.
Working
Voltage (V)
Max.
Overload
Voltage (V)
Dielectric
Withstanding
Voltage (V)
Standard Size
CMO-1/4
0.25
0.3 - 50K
2, 5, 10
350
250
400
250
CMO-1/2
0.5
0.3 - 50K
250
400
250
CMO-1
1
0.3 - 50K
350
600
350
CMO-2
2
0.3 - 50K
350
600
350
CMO-3
3
5 - 100K
500
800
500
CMO-5
5
5 - 150K
750
1000
750
CMO-7
7
20 - 150K
750
1000
750
CMO-8
8
30 - 200K
750
1000
750
CMO-9
9
50 - 200K
750
1000
750
Miniature Size
CMO-1/2S
0.5
0.3 - 50K
2, 5, 10
350
250
400
250
CMO-1S
1
0.3 - 50K
350
600
350
CMO-2S
2
0.3 - 50K
350
600
350
CMO-3S
3
0.3 - 50K
350
600
350
CMO-5SS
5
5 - 100K
500
800
500
CMO-5S
5
5 - 150K
500
800
500
CMO Series
High purity ceramic core
Non-inductive type available
Superior flame retardant coating
Power ratings from 1/4W to 9W
Meets EIA-RC2655A requirements
Stable performance in harsh environments
CMO Series Issue September 2008 Sheet 1 of 4


Similar Part No. - CMO-3-1001-K-LF-TR

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CMO-3 TTELEC-CMO-3 Datasheet
286Kb / 4P
   Commercial Grade Metal Oxide Resistors
More results

Similar Description - CMO-3-1001-K-LF-TR

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CMO TTELEC-CMO Datasheet
286Kb / 4P
   Commercial Grade Metal Oxide Resistors
CMF TTELEC-CMF Datasheet
255Kb / 3P
   Commercial Grade Metal Film Resistor
logo
IRC - a TT electronics ...
CMF IRCTT-CMF Datasheet
111Kb / 3P
   Commercial Grade Metal Film Resistor
logo
Stackpole Electronics, ...
RSF SEI-RSF Datasheet
597Kb / 9P
   General Purpose Metal Oxide Resistor
3/3/2022
logo
List of Unclassifed Man...
RSMF2JB10R0 ETC2-RSMF2JB10R0 Datasheet
205Kb / 4P
   General Purpose Metal Oxide Resistor
logo
KOA Speer Electronics, ...
MO1CT52A KOA-MO1CT52A Datasheet
100Kb / 2P
   metal oxide power type leaded resistor
logo
TAITRON Components Inco...
RMX TAITRON-RMX Datasheet
281Kb / 8P
   Metal Oxide Resistor Normal & Miniature Style
logo
KOA Speer Electronics, ...
MO1CT52A473J KOA-MO1CT52A473J Datasheet
387Kb / 2P
   metal oxide power type leaded resistor
logo
Vishay Siliconix
CPR VISHAY-CPR Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
logo
KOA Speer Electronics, ...
MOS1CT26 KOA-MOS1CT26 Datasheet
96Kb / 2P
   reduced size metal oxide power type leaded resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com