Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM2I2310AF-24TR Datasheet(PDF) 10 Page - PulseCore Semiconductor

Part # ASM2I2310AF-24TR
Description  2.5-V TO 3.3-V High-Performance Clock Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2I2310AF-24TR Datasheet(HTML) 10 Page - PulseCore Semiconductor

Back Button ASM2I2310AF-24TR Datasheet HTML 3Page - PulseCore Semiconductor ASM2I2310AF-24TR Datasheet HTML 4Page - PulseCore Semiconductor ASM2I2310AF-24TR Datasheet HTML 5Page - PulseCore Semiconductor ASM2I2310AF-24TR Datasheet HTML 6Page - PulseCore Semiconductor ASM2I2310AF-24TR Datasheet HTML 7Page - PulseCore Semiconductor ASM2I2310AF-24TR Datasheet HTML 8Page - PulseCore Semiconductor ASM2I2310AF-24TR Datasheet HTML 9Page - PulseCore Semiconductor ASM2I2310AF-24TR Datasheet HTML 10Page - PulseCore Semiconductor ASM2I2310AF-24TR Datasheet HTML 11Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
November 2006
ASM2P2310A
rev 0.3
2.5-V TO 3.3-V High-Performance Clock Buffer
10 of 11
Notice: The information in this document is subject to change without notice.
Ordering Information
Part Number
Marking
Package Type
Temperature
ASM2P2310AF-24TR
2P2310AF
24-Pin TSSOP, TAPE & REEL, Pb Free
Commercial
ASM2P2310AF-24TT
2P2310AF
24-Pin TSSOP, TUBE, Pb Free
Commercial
ASM2P2310AG-24TR
2P2310AG
24-Pin TSSOP, TAPE & REEL, Green
Commercial
ASM2P2310AG-24TT
2P2310AG
24-Pin TSSOP, TUBE, Green
Commercial
ASM2I2310AF-24TR
2I2310AF
24-Pin TSSOP, TAPE & REEL, Pb Free
Industrial
ASM2I2310AF-24TT
2I2310AF
24-Pin TSSOP, TUBE, Pb Free
Industrial
ASM2I2310AG-24TR
2I2310AG
24-Pin TSSOP, TAPE & REEL, Green
Industrial
ASM2I2310AG-24TT
2I2310AG
24-Pin TSSOP, TUBE, Green
Industrial
Device Ordering Information
ASM2P2310A
F-24
TR
Licensed under US patent Nos 5,488,627 and 5,631,920.
O = SOT
U = MSOP
S = SOIC
E = TQFP
T = TSSOP
L = LQFP
A = SSOP
U = MSOP
V = TVSOP
P = PDIP
B = BGA
D = QSOP
Q = QFN
X = SC-70
DEVICE PIN COUNT
X= Automotive
I= Industrial
P or n/c = Commercial
(-40C to +125C)
(-40C to +85C)
(0C to +70C)
1 = Reserved
6 = Power Management
2 = Non PLL based
7 = Power Management
3 = EMI Reduction
8 = Power Management
4 = DDR support products
9 = Hi Performance
5 = STD Zero Delay Buffer
0 = Reserved
PulseCore Semiconductor Mixed Signal Product
PART NUMBER
F = LEAD FREE AND RoHS COMPLIANT PART
G = GREEN PACKAGE, LEAD FREE, and RoHS
R = Tape & Reel, T = Tube or Tray


Similar Part No. - ASM2I2310AF-24TR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2I2310AGNZ-28-AR ALSC-ASM2I2310AGNZ-28-AR Datasheet
501Kb / 12P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
ASM2I2310AGNZ-28-AT ALSC-ASM2I2310AGNZ-28-AT Datasheet
501Kb / 12P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
ASM2I2310ANZ ALSC-ASM2I2310ANZ Datasheet
501Kb / 12P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
ASM2I2310ANZ-28-AR ALSC-ASM2I2310ANZ-28-AR Datasheet
501Kb / 12P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
ASM2I2310ANZ-28-AT ALSC-ASM2I2310ANZ-28-AT Datasheet
501Kb / 12P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
More results

Similar Description - ASM2I2310AF-24TR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF310 TI-CDCVF310 Datasheet
148Kb / 12P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310PW TI-CDCVF2310PW Datasheet
736Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF310 TI1-CDCVF310_15 Datasheet
767Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310 TI-CDCVF2310 Datasheet
135Kb / 11P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310-EP TI1-CDCVF2310-EP Datasheet
740Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCLVC11XX TI1-CDCLVC11XX_12 Datasheet
948Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_14 Datasheet
906Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX_1 Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com