Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM2I2310AF-24TT Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASM2I2310AF-24TT
Description  2.5-V TO 3.3-V High-Performance Clock Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2I2310AF-24TT Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASM2I2310AF-24TT Datasheet HTML 1Page - PulseCore Semiconductor ASM2I2310AF-24TT Datasheet HTML 2Page - PulseCore Semiconductor ASM2I2310AF-24TT Datasheet HTML 3Page - PulseCore Semiconductor ASM2I2310AF-24TT Datasheet HTML 4Page - PulseCore Semiconductor ASM2I2310AF-24TT Datasheet HTML 5Page - PulseCore Semiconductor ASM2I2310AF-24TT Datasheet HTML 6Page - PulseCore Semiconductor ASM2I2310AF-24TT Datasheet HTML 7Page - PulseCore Semiconductor ASM2I2310AF-24TT Datasheet HTML 8Page - PulseCore Semiconductor ASM2I2310AF-24TT Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
November 2006
ASM2P2310A
rev 0.3
2.5-V TO 3.3-V High-Performance Clock Buffer
2 of 11
Notice: The information in this document is subject to change without notice.
Pin Configuration
Pin Description
Pin #
Pin Name
Type
Description
1
GND
P
Ground Pin
2
VDD
P
DC Power supply, 2.3 V – 3.6V
3
1Y0
O
Buffered Output Clock
4
1Y1
O
Buffered Output Clock
5
1Y2
O
Buffered Output Clock
6
GND
P
Ground Pin
7
GND
P
Ground Pin
8
1Y3
O
Buffered Output Clock
9
1Y4
O
Buffered Output Clock
10
VDD
P
DC power supply, 2.3V – 3.6V
11
1G
I
Output enable control for 1Y[0:4] outputs. This output enable is active-high,
meaning the 1Y[0:4] clock outputs follow the input clock (CLK) if this pin is logic
high.
12
2Y4
O
Buffered Output Clock
13
2G
I
Output enable control for 2Y[0:4] outputs. This output enable is active-high,
meaning the 2Y[0:4] clock outputs follow the input clock (CLK) if this pin is logic
high.
14
VDD
P
DC power supply, 2.3V – 3.6V
15
VDD
P
DC power supply, 2.3V – 3.6V
16
2Y3
O
Buffered Output Clock
17
2Y2
O
Buffered Output Clock
18
GND
P
Ground Pin
19
GND
P
Ground Pin
20
2Y1
O
Buffered Output Clock
21
2Y0
O
Buffered Output Clock
22
VDD
P
DC power supply, 2.3V – 3.6V
23
VDD
P
DC power supply, 2.3V – 3.6V
24
CLK
I
Input reference frequency
GND
VDD
GND
2
23
9
16
10
15
1
24
3
22
4
21
5
20
6
19
7
18
8
17
11
14
12
13
GND
1G
2Y0
CLK
2G
VDD
2Y1
2Y2
2Y3
VDD
VDD
VDD
GND
GND
1Y2
1Y0
1Y1
1Y3
1Y4
2Y4
VDD
ASM2P2310A


Similar Part No. - ASM2I2310AF-24TT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2I2310AGNZ-28-AR ALSC-ASM2I2310AGNZ-28-AR Datasheet
501Kb / 12P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
ASM2I2310AGNZ-28-AT ALSC-ASM2I2310AGNZ-28-AT Datasheet
501Kb / 12P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
ASM2I2310ANZ ALSC-ASM2I2310ANZ Datasheet
501Kb / 12P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
ASM2I2310ANZ-28-AR ALSC-ASM2I2310ANZ-28-AR Datasheet
501Kb / 12P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
ASM2I2310ANZ-28-AT ALSC-ASM2I2310ANZ-28-AT Datasheet
501Kb / 12P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
More results

Similar Description - ASM2I2310AF-24TT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF310 TI-CDCVF310 Datasheet
148Kb / 12P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310PW TI-CDCVF2310PW Datasheet
736Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF310 TI1-CDCVF310_15 Datasheet
767Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310 TI-CDCVF2310 Datasheet
135Kb / 11P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310-EP TI1-CDCVF2310-EP Datasheet
740Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCLVC11XX TI1-CDCLVC11XX_12 Datasheet
948Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_14 Datasheet
906Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX_1 Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com