Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM2I3807AG-20-DR Datasheet(PDF) 9 Page - PulseCore Semiconductor

Part # ASM2I3807AG-20-DR
Description  3.3V CMOS 1-TO-10 CLOCK DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2I3807AG-20-DR Datasheet(HTML) 9 Page - PulseCore Semiconductor

Back Button ASM2I3807AG-20-DR Datasheet HTML 5Page - PulseCore Semiconductor ASM2I3807AG-20-DR Datasheet HTML 6Page - PulseCore Semiconductor ASM2I3807AG-20-DR Datasheet HTML 7Page - PulseCore Semiconductor ASM2I3807AG-20-DR Datasheet HTML 8Page - PulseCore Semiconductor ASM2I3807AG-20-DR Datasheet HTML 9Page - PulseCore Semiconductor ASM2I3807AG-20-DR Datasheet HTML 10Page - PulseCore Semiconductor ASM2I3807AG-20-DR Datasheet HTML 11Page - PulseCore Semiconductor ASM2I3807AG-20-DR Datasheet HTML 12Page - PulseCore Semiconductor ASM2I3807AG-20-DR Datasheet HTML 13Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
November 2006
ASM2P3807A
rev 0.3
3.3V CMOS 1-TO-10 CLOCK DRIVER
9 of 18
Notice: The information in this document is subject to change without notice.
Test Circuits
Figure 1. ZO = 50Ω to VCC/2, CL = 10pF
Figure 2. ZO = 50Ω AC Termination, CL = 10pF
The capacitor value for ac termination is determined by the operating frequency.
For very low frequencies a higher capacitor value should be selected.
Figure 3. CL = 30pF Circuit
VCC
PULSE
GENERATOR
D.U.T
30pF
VOUT
VN
RT
CL
PULSE
GENERATOR
D.U.T
10pF
100Ω
VOUT
VN
VCC
VCC
RT
50Ω
220pF
PULSE
GENERATOR
D.U.T
10pF
100Ω
VOUT
VN
VCC
VCC
RT
100Ω


Similar Part No. - ASM2I3807AG-20-DR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2I3807AG-20-DR ALSC-ASM2I3807AG-20-DR Datasheet
692Kb / 19P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
More results

Similar Description - ASM2I3807AG-20-DR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT3807D IDT-IDT74FCT3807D Datasheet
58Kb / 6P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807 IDT-IDT74FCT3807 Datasheet
67Kb / 8P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807D IDT-IDT74FCT3807D_09 Datasheet
63Kb / 6P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3807AH ALSC-ASM2P3807AH Datasheet
692Kb / 19P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT3807 IDT-IDT74FCT3807_14 Datasheet
109Kb / 8P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT3807D RENESAS-IDT74FCT3807D Datasheet
217Kb / 7P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
JULY 2006
logo
Pericom Semiconductor C...
PI49FCT32807 PERICOM-PI49FCT32807 Datasheet
383Kb / 6P
   3.3V 1:10 CMOS Clock Driver
logo
Potato Semiconductor Co...
PO49FCT32807 POTATO-PO49FCT32807 Datasheet
546Kb / 6P
   3.3V 1:10 CMOS Clock Buffered Driver
logo
Integrated Device Techn...
IDT74FCT38074 IDT-IDT74FCT38074_09 Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-4 CLOCK DRIVER
IDT74FCT38072 IDT-IDT74FCT38072 Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com