Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P623S00BF-08-TR Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # ASM3P623S00BF-08-TR
Description  Timing-Safe??Peak EMI reduction IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P623S00BF-08-TR Datasheet(HTML) 1 Page - PulseCore Semiconductor

  ASM3P623S00BF-08-TR Datasheet HTML 1Page - PulseCore Semiconductor ASM3P623S00BF-08-TR Datasheet HTML 2Page - PulseCore Semiconductor ASM3P623S00BF-08-TR Datasheet HTML 3Page - PulseCore Semiconductor ASM3P623S00BF-08-TR Datasheet HTML 4Page - PulseCore Semiconductor ASM3P623S00BF-08-TR Datasheet HTML 5Page - PulseCore Semiconductor ASM3P623S00BF-08-TR Datasheet HTML 6Page - PulseCore Semiconductor ASM3P623S00BF-08-TR Datasheet HTML 7Page - PulseCore Semiconductor ASM3P623S00BF-08-TR Datasheet HTML 8Page - PulseCore Semiconductor ASM3P623S00BF-08-TR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
May 2008
ASM3P623S00B/E
rev 0.5
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200 Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Timing-Safe™ Peak EMI reduction IC
General Features
Clock distribution with Timing-Safe™ Peak EMI
Reduction
Input frequency range: 20MHz - 50MHz
2 different Spread Selection option
Spread Spectrum can be turned ON/OFF
External Input-Output Delay Control option
Supply Voltage: 3.3V±0.3V
Commercial and Industrial temperature range
Packaging Information:
ASM3P623S00B: 8 pin SOIC, and TSSOP
ASM3P623S00E:16 pin SOIC, and TSSOP
The First True Drop-in Solution
Functional Description
ASM3P623S00B/E is a versatile, 3.3V Zero-delay buffer
designed to distribute Timing-Safe™ clocks with Peak EMI
reduction. ASM3P623S00B is an eight-pin version, accepts
one reference input and drives out one low-skew Timing-
Safe™ clock. ASM3P623S00E accepts one reference input
and drives out eight low-skew Timing-Safe™clocks.
ASM3P623S00B/E has an SS% that selects 2 different
Deviation and associated Input-Output Skew (TSKEW). Refer
Spread Spectrum Control and Input-Output Skew
table
for details.
ASM3P623S00E has a CLKOUT for adjusting the Input-
Output clock delay, depending upon the value of capacitor
connected at this pin to GND.
ASM3P623S00B/E operates from a 3.3V supply and is
available in two different packages, as shown in the
ordering information table, over commercial and Industrial
temperature range.
Application
ASM3P623S00B/E is targeted for use in Displays and
memory interface systems.
General Block Diagram
*For
ASM3P623S00E -
8 CLKOUTS
VDD
GND
SS%
CLKIN
CLKOUT(s)*
(Timing-Safe™)
PLL
SSON
DLY_CTRL


Similar Part No. - ASM3P623S00BF-08-TR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P623S00BF-08-TR ALSC-ASM3P623S00BF-08-TR Datasheet
301Kb / 16P
   Zero Cycle Slip Peak EMI reduction IC
logo
PulseCore Semiconductor
ASM3P623S00BF-08-TR PULSECORE-ASM3P623S00BF-08-TR Datasheet
640Kb / 18P
   Timing-Safe??Peak EMI reduction IC
More results

Similar Description - ASM3P623S00BF-08-TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A_14 Datasheet
147Kb / 8P
   Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
P3P623S05A ONSEMI-P3P623S05A Datasheet
197Kb / 11P
   Timing-Safe??Peak EMI Reduction IC
July 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S01B PULSECORE-ASM3P623S01B Datasheet
478Kb / 12P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S00B PULSECORE-ASM3P623S00B_1 Datasheet
640Kb / 18P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S05 PULSECORE-ASM3P623S05 Datasheet
703Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P623Z05A PULSECORE-PCS3P623Z05A Datasheet
551Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com