Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA4860 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA4860
Description  1-W MONO AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA4860 Datasheet(HTML) 3 Page - Texas Instruments

  TPA4860 Datasheet HTML 1Page - Texas Instruments TPA4860 Datasheet HTML 2Page - Texas Instruments TPA4860 Datasheet HTML 3Page - Texas Instruments TPA4860 Datasheet HTML 4Page - Texas Instruments TPA4860 Datasheet HTML 5Page - Texas Instruments TPA4860 Datasheet HTML 6Page - Texas Instruments TPA4860 Datasheet HTML 7Page - Texas Instruments TPA4860 Datasheet HTML 8Page - Texas Instruments TPA4860 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPA4860
1-W MONO AUDIO POWER AMPLIFIER
SLOS164A – SEPTEMBER 1996 – REVISED MARCH 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature range, VDD = 3.3 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TPA4860
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOO
Output offset voltage (measured differentially)
See Note 1
5
20
mV
Supply ripple rejection ratio
VDD = 3.2 V to 3.4 V
75
dB
IDD
Quiescent current
2.5
mA
IDD(M)
Quiescent current, mute mode
750
µA
IDD(SD) Quiescent current, shutdown mode
0.6
µA
VIH
High-level input voltage (HP-IN)
1.7
V
VIL
Low-level input voltage (HP-IN)
1.7
V
VOH
High-level output voltage (HP-SENSE)
IO = 100 µA
2.5
2.8
V
VOL
Low-level output voltage (HP-SENSE)
IO = –100 µA
0.2
0.8
V
NOTE 1: At 3 V < VDD < 5 V the dc output voltage is approximately VDD/2.
operating characteristics, VDD = 3.3 V, TA = 25°C, RL = 8 Ω
PARAMETER
TEST CONDITIONS
TPA4860
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power see Note 2
THD = 0.2%,
AV = 2
f = 1 kHz,
350
mW
PO
Output power, see Note 2
THD = 2%,
AV = 2
f = 1 kHz,
500
mW
BOM
Maximum output power bandwidth
Gain = 10,
THD = 2%
20
kHz
B1
Unity-gain bandwidth
Open Loop
1.5
MHz
Supply ripple rejection ratio
BTL
f = 1 kHz
56
dB
Supply ripple rejection ratio
SE
f = 1 kHz
30
dB
Vn
Noise output voltage, see Note 3
Gain = 2
20
µV
NOTES:
2. Output power is measured at the output terminals of the device.
3. Noise voltage is measured in a bandwidth of 20 Hz to 20 kHz.


Similar Part No. - TPA4860

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA4860 TI-TPA4860 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860D TI-TPA4860D Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860DR TI-TPA4860DR Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860DRG4 TI-TPA4860DRG4 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA4860

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_15 Datasheet
655Kb / 28P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_07 Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
88Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_15 Datasheet
575Kb / 18P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_07 Datasheet
746Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com