Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3I623S09BF-16-SR Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM3I623S09BF-16-SR
Description  Timing-Safe??Peak EMI reduction IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3I623S09BF-16-SR Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM3I623S09BF-16-SR Datasheet HTML 1Page - PulseCore Semiconductor ASM3I623S09BF-16-SR Datasheet HTML 2Page - PulseCore Semiconductor ASM3I623S09BF-16-SR Datasheet HTML 3Page - PulseCore Semiconductor ASM3I623S09BF-16-SR Datasheet HTML 4Page - PulseCore Semiconductor ASM3I623S09BF-16-SR Datasheet HTML 5Page - PulseCore Semiconductor ASM3I623S09BF-16-SR Datasheet HTML 6Page - PulseCore Semiconductor ASM3I623S09BF-16-SR Datasheet HTML 7Page - PulseCore Semiconductor ASM3I623S09BF-16-SR Datasheet HTML 8Page - PulseCore Semiconductor ASM3I623S09BF-16-SR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
May 2007
ASM3P623S05/09A/B
rev 0.3
Timing-Safe™ Peak EMI Reduction IC
3 of 15
Notice: The information in this document is subject to change without notice.
Pin Description for ASM3P623S05A/B
Pin #
Pin Name
Description
1
CLKIN
Input reference frequency, 5V-tolerant input
2
CLK1
1
Buffered clock output
3
CLK2
1
Buffered clock output
4
GND
Ground
5
CLK3
1
Buffered clock output
6
VDD
3.3V supply
7
CLK4
1
Buffered clock output
8
CLKOUT
1,2
Buffered clock output, internal feedback on this pin
Notes: 1. Weak pull-down on these outputs.
2. This output is driven and has an internal feedback for the PLL.
3. Buffered clock output is Timing-Safe™
Pin Description for ASM3P623S09A/B
Pin #
Pin Name
Description
1
CLKIN
Input reference frequency, 5V tolerant input
2
CLKA1
1
Buffered clock output
3
CLKA2
1
Buffered clock output
4
VDD
3.3V supply
5
GND
Ground
6
CLKB1
1
Buffered clock output
7
CLKB2
1
Buffered clock output
8
S2
2
Select Input, bit 2
9
S1
2
Select Input, bit 1
10
CLKB3
1
Buffered clock output
11
CLKB4
1
Buffered clock output
12
GND
Ground
13
VDD
3.3V supply
14
CLKA3
1
Buffered clock output
15
CLKA4
1
Buffered clock output
16
CLKOUT
1,3
Buffered output, Internal feedback on this pin
Notes: 1. Weak pull-down on all outputs.
2. Weak pull-up on these Inputs.
3. This output is driven and has an internal feedback for the PLL.


Similar Part No. - ASM3I623S09BF-16-SR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3I623S00AF-08-SR ALSC-ASM3I623S00AF-08-SR Datasheet
301Kb / 16P
   Zero Cycle Slip Peak EMI reduction IC
ASM3I623S00AF-08-ST ALSC-ASM3I623S00AF-08-ST Datasheet
301Kb / 16P
   Zero Cycle Slip Peak EMI reduction IC
ASM3I623S00AF-08-TR ALSC-ASM3I623S00AF-08-TR Datasheet
301Kb / 16P
   Zero Cycle Slip Peak EMI reduction IC
ASM3I623S00AF-08-TT ALSC-ASM3I623S00AF-08-TT Datasheet
301Kb / 16P
   Zero Cycle Slip Peak EMI reduction IC
ASM3I623S00AG-08-SR ALSC-ASM3I623S00AG-08-SR Datasheet
301Kb / 16P
   Zero Cycle Slip Peak EMI reduction IC
More results

Similar Description - ASM3I623S09BF-16-SR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S00B PULSECORE-ASM3P623S00B Datasheet
550Kb / 15P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A_14 Datasheet
147Kb / 8P
   Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
P3P623S05A ONSEMI-P3P623S05A Datasheet
197Kb / 11P
   Timing-Safe??Peak EMI Reduction IC
July 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S01B PULSECORE-ASM3P623S01B Datasheet
478Kb / 12P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S00B PULSECORE-ASM3P623S00B_1 Datasheet
640Kb / 18P
   Timing-Safe??Peak EMI reduction IC
PCS3P623Z05A PULSECORE-PCS3P623Z05A Datasheet
551Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com