Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2598A Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # ASM3P2598A
Description  Low Power Peak EMI Reducing Solution
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2598A Datasheet(HTML) 4 Page - PulseCore Semiconductor

  ASM3P2598A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2598A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2598A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2598A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2598A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2598A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2598A Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
October 2006
ASM3P2598A
rev 0.3
Low Power Peak EMI Reducing Solution
4 of 7
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics for 3.3V Supply
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS - 0.3
0.8
V
VIH
Input high voltage
2.0
VDD + 0.3
V
IIL
Input low current
-35
µA
IIH
Input high current
35
µA
VOL
Output low voltage (VDD = 3.3V, IOL = 8 mA)
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = 8 mA)
2.5
V
IDD
Static supply current*
2.2
mA
ICC
Dynamic supply current (3.3V, 85MHz and no load)
4.5
mA
VDD
Operating voltage
3.0
3.3
3.6
V
tON
Power-up time (first locked cycle after power-up)
5
mS
ZOUT
Output impedance
45
* CLKIN pin is pulled low
AC Electrical Characteristics for 3.3V Supply
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN
Input frequency
60
120
MHz
ModOUT
Output frequency
60
120
MHz
Input Frequency = 60MHz
±1.6
fd
Frequency Deviation
Input Frequency = 120MHz
±1.1
%
tLH*
Output rise time (measured from 0.8 to 2.0V)
0.5
1.2
1.8
nS
tHL *
Output fall time (measured at 2.0V to 0.8V)
0.3
0.8
1.1
nS
tJC
Jitter (cycle to cycle)
360
pS
tD
Output duty cycle
45
50
55
%
*tLH and tHL are measured into a capacitive load of 15pF


Similar Part No. - ASM3P2598A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM3P2598A ONSEMI-ASM3P2598A Datasheet
133Kb / 8P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2598AF-06OR ONSEMI-ASM3P2598AF-06OR Datasheet
133Kb / 8P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
More results

Similar Description - ASM3P2598A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2769A PULSECORE-ASM3P2769A Datasheet
190Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2779A PULSECORE-ASM3P2779A Datasheet
180Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2769A ONSEMI-ASM3P2769A Datasheet
128Kb / 9P
   Low Power Peak EMI Reducing Solution
August, 2011 ??Rev. 3
ASM3P2870A ONSEMI-ASM3P2870A Datasheet
128Kb / 10P
   Low Power Peak EMI Reducing Solution
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM3P2870A ALSC-ASM3P2870A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2869A ALSC-ASM3P2869A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
PulseCore Semiconductor
ASM3P2775A PULSECORE-ASM3P2775A Datasheet
369Kb / 10P
   Low Power Peak EMI Reducing Solution
ASM3P2872A PULSECORE-ASM3P2872A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2879A PULSECORE-ASM3P2879A Datasheet
179Kb / 12P
   Low Power Peak Reducing EMI Solution
ASM3P2969A PULSECORE-ASM3P2969A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com