Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3I1819NG-08-TR Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM3I1819NG-08-TR
Description  Low Power Mobile VGA EMI Reduction IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3I1819NG-08-TR Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM3I1819NG-08-TR Datasheet HTML 1Page - PulseCore Semiconductor ASM3I1819NG-08-TR Datasheet HTML 2Page - PulseCore Semiconductor ASM3I1819NG-08-TR Datasheet HTML 3Page - PulseCore Semiconductor ASM3I1819NG-08-TR Datasheet HTML 4Page - PulseCore Semiconductor ASM3I1819NG-08-TR Datasheet HTML 5Page - PulseCore Semiconductor ASM3I1819NG-08-TR Datasheet HTML 6Page - PulseCore Semiconductor ASM3I1819NG-08-TR Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
February 2007
ASM3P1819N
rev 0.3
Low Power Mobile VGA EMI Reduction IC
3 of 7
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics
(Test condition: All parameters are measured at room temperature (+25°C) unless otherwise stated)
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input Low voltage
VSS – 0.3
-
0.8
V
VIH
Input High voltage
2.0
-
VDD + 0.3
V
IIL
Input Low current
-
-
-20.0
µA
IIH
Input High current
-
-
1.0
µA
IXOL
XOUT Output low current @ 0.4V, VDD = 3.3V
-
3
-
mA
IXOH
XOUT Output high current @ 2.5V, VDD = 3.3V
-
3
-
mA
VOL
Output Low voltage VDD = 3.3V, IOL = 20mA
-
-
0.4
V
VOH
Output High voltage VDD = 3.3V, IOH = 20mA
2.5
-
-
V
ICC
Dynamic Supply current
3.3V and 10pF probe loading
7.1
fIN - min
-
26.9
fIN - max
mA
IDD
Static Supply current
-
4.5
-
mA
VDD
Operating Voltage
-
3.3
-
V
tON
Power up time (First locked clock cycle after power up)
-
0.18
-
mS
ZOUT
Clock Output impedance
-
50
-
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input Frequency
20
-
40
MHz
fOUT
Output Frequency
20
-
40
MHz
tLH
1
Output Rise time
( Measured from 0.8V to 2.0V )
-
0.69
-
nS
tHL
1
Output Fall time
( Measured from 2.0V to 0.8V )
-
0.66
-
nS
tJC
Jitter (Cycle to Cycle)
-200
-
200
pS
tD
Output Duty cycle
45
50
55
%
Note:1. tLH and tHL are measured into a capacitive load of 15pF


Similar Part No. - ASM3I1819NG-08-TR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3I1819NG-08-TR ALSC-ASM3I1819NG-08-TR Datasheet
354Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
More results

Similar Description - ASM3I1819NG-08-TR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P1819N ALSC-ASM3P1819N Datasheet
354Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
ASM3P1819N ONSEMI-ASM3P1819N Datasheet
109Kb / 6P
   Low Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
P1817A PULSECORE-P1817A Datasheet
382Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
P1817A ONSEMI-P1817A Datasheet
120Kb / 7P
   Low-Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
P1818 ALSC-P1818 Datasheet
60Kb / 8P
   Low Power Mobile VGA EMI Reduction IC
P1817A ALSC-P1817A Datasheet
302Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
   Low Power EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A_1 Datasheet
156Kb / 11P
   Low Power EMI Reduction IC
logo
ON Semiconductor
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
   Low Power EMI Reduction IC
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
   Low Power EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com