Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3I2531AG-08ST Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # ASM3I2531AG-08ST
Description  Low Frequency EMI Reduction
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3I2531AG-08ST Datasheet(HTML) 4 Page - PulseCore Semiconductor

  ASM3I2531AG-08ST Datasheet HTML 1Page - PulseCore Semiconductor ASM3I2531AG-08ST Datasheet HTML 2Page - PulseCore Semiconductor ASM3I2531AG-08ST Datasheet HTML 3Page - PulseCore Semiconductor ASM3I2531AG-08ST Datasheet HTML 4Page - PulseCore Semiconductor ASM3I2531AG-08ST Datasheet HTML 5Page - PulseCore Semiconductor ASM3I2531AG-08ST Datasheet HTML 6Page - PulseCore Semiconductor ASM3I2531AG-08ST Datasheet HTML 7Page - PulseCore Semiconductor ASM3I2531AG-08ST Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
February 2007
ASM3P2531A
rev 1.4
Low Frequency EMI Reduction
4 of 8
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS - 0.3
0.8
V
VIH
Input high voltage
2.0
VDD + 0.3
V
IIL
Input low current
-35
µA
IIH
Input high current
35
µA
VOL
Output low voltage
VDD = 3.3V, IOL = 6 mA
0.4
V
VOH
Output high voltage
VDD = 3.3V, IOH = 15 mA
2.5
V
IDD
Static supply current standby mode
3.0
mA
ICC
Dynamic supply current
3.3V and 15pF loading
10
14
mA
VDD
Operating voltage
3.0
3.3
3.6
V
tON
Power-up time (first locked cycle after power up)
0.18
mS
ZOUT
Clock output impedance
50
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency
27
55
MHz
fOUT
Output frequency
27
55
MHz
tLH
1
Output rise time
Measured from 0.8 V to 2.0 V
0.4
0.6
1.2
nS
tHL
1
Output fall time
Measured from 2.0 V to 0.8 V
0.4
0.6
1.2
nS
tJC
Jitter (Cycle to cycle)
360
pS
TD
Output duty cycle
45
50
55
%
Note 1: tLH and tHL are measured into a capacitive load of 15pF


Similar Part No. - ASM3I2531AG-08ST

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3I2531A-08SR ALSC-ASM3I2531A-08SR Datasheet
189Kb / 8P
   Low Frequency EMI Reduction
ASM3I2531A-08ST ALSC-ASM3I2531A-08ST Datasheet
189Kb / 8P
   Low Frequency EMI Reduction
ASM3I2531A-08TR ALSC-ASM3I2531A-08TR Datasheet
189Kb / 8P
   Low Frequency EMI Reduction
ASM3I2531A-08TT ALSC-ASM3I2531A-08TT Datasheet
189Kb / 8P
   Low Frequency EMI Reduction
More results

Similar Description - ASM3I2531AG-08ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2560B PULSECORE-P2560B Datasheet
328Kb / 8P
   Low Frequency EMI Reduction
logo
ON Semiconductor
P2560B ONSEMI-P2560B Datasheet
108Kb / 6P
   Low Frequency EMI Reduction
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
ASM3X2105A ALSC-ASM3X2105A Datasheet
455Kb / 10P
   Low Frequency EMI Reduction
P2560B ALSC-P2560B Datasheet
187Kb / 7P
   Low Frequency EMI Reduction
ASM3P2531A ALSC-ASM3P2531A Datasheet
189Kb / 8P
   Low Frequency EMI Reduction
P2010A ALSC-P2010A Datasheet
457Kb / 9P
   Low Frequency EMI Reduction IC
logo
PulseCore Semiconductor
P2005A PULSECORE-P2005A Datasheet
347Kb / 8P
   Low Frequency EMI Reduction IC
P2010A PULSECORE-P2010A Datasheet
164Kb / 8P
   Low Frequency EMI Reduction IC
logo
ON Semiconductor
P2010A ONSEMI-P2010A Datasheet
111Kb / 7P
   Low Frequency EMI Reduction IC
August, 2011 ??Rev. 2
logo
Alliance Semiconductor ...
P2005A ALSC-P2005A Datasheet
459Kb / 10P
   Low Frequency EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com