Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3I623S00KF-16-TR Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # ASM3I623S00KF-16-TR
Description  Timing-Safe??Peak EMI reduction IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3I623S00KF-16-TR Datasheet(HTML) 1 Page - PulseCore Semiconductor

  ASM3I623S00KF-16-TR Datasheet HTML 1Page - PulseCore Semiconductor ASM3I623S00KF-16-TR Datasheet HTML 2Page - PulseCore Semiconductor ASM3I623S00KF-16-TR Datasheet HTML 3Page - PulseCore Semiconductor ASM3I623S00KF-16-TR Datasheet HTML 4Page - PulseCore Semiconductor ASM3I623S00KF-16-TR Datasheet HTML 5Page - PulseCore Semiconductor ASM3I623S00KF-16-TR Datasheet HTML 6Page - PulseCore Semiconductor ASM3I623S00KF-16-TR Datasheet HTML 7Page - PulseCore Semiconductor ASM3I623S00KF-16-TR Datasheet HTML 8Page - PulseCore Semiconductor ASM3I623S00KF-16-TR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
May 2007
ASM3P623S00B/C/J/E/F/K
rev 0.4
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Timing-Safe™ Peak EMI reduction IC
General Features
Clock distribution with Timing-Safe™ Peak EMI
Reduction
Input frequency range: 20MHz - 50MHz
Zero input - output propagation delay
Low-skew outputs
Output-output skew less than 250pS
Device-device skew less than 700pS
Less than 200pS cycle-to-cycle jitter
Available in 16pin, 150mil SOIC, 4.4mm TSSOP
(ASM3P623S00/E/F/K), and in 8pin, 150 mil
SOIC, 4.4mm TSSOP Packages
(ASM3P623S00B/C/J)
3.3V operation
Industrial temperature range
Advanced CMOS technology
The First True Drop-in Solution
Functional Description
ASM3P623S00B/C/J/E/F/K is a versatile, 3.3V zero-delay
buffer designed to distribute high-speed Timing-Safe™
clocks with Peak EMI reduction. ASM3P623S00E/F/K
accepts one reference input and drives out eight low-skew
clocks. It is available in a 16pin package. The
ASM3P623S00B/C/J is the eight-pin version and accepts
one reference input and drives out one low-skew clock.
All parts have on-chip PLLs that lock to an input clock on
the CLKIN pin. The PLL feedback is on-chip and is
obtained from the CLKOUT pad, internal to the device.
Multiple ASM3P623S00E/F/K devices can accept the same
input clock and distribute it. In this case, the skew between
the outputs of the two devices is guaranteed to be less than
700pS.
All outputs have less than 200pS of cycle-to-cycle jitter.
The input and output propagation delay is guaranteed to be
less than 250pS, and the output-to-output skew is
guaranteed to be less than 250pS.
Refer
Spread Spectrum Control and Input-Output Skew
Table”
for deviations and Input-Output Skew for
ASM3P623S00B/C/J and the ASM3P623S00E/F/K devices
The ASM3P623S00B/C/J and the ASM3P623S00E/F/K are
available in two different packages, as shown in the
ordering information table.
Block Diagram
GND
Reference
Divider
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Feedforward
Divider
PLL
VDD
CLKOUT
SSON
SS%
XIN/CLKIN
Crystal
Oscillator
XOUT


Similar Part No. - ASM3I623S00KF-16-TR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3I623S00AF-08-SR ALSC-ASM3I623S00AF-08-SR Datasheet
301Kb / 16P
   Zero Cycle Slip Peak EMI reduction IC
ASM3I623S00AF-08-ST ALSC-ASM3I623S00AF-08-ST Datasheet
301Kb / 16P
   Zero Cycle Slip Peak EMI reduction IC
ASM3I623S00AF-08-TR ALSC-ASM3I623S00AF-08-TR Datasheet
301Kb / 16P
   Zero Cycle Slip Peak EMI reduction IC
ASM3I623S00AF-08-TT ALSC-ASM3I623S00AF-08-TT Datasheet
301Kb / 16P
   Zero Cycle Slip Peak EMI reduction IC
ASM3I623S00AG-08-SR ALSC-ASM3I623S00AG-08-SR Datasheet
301Kb / 16P
   Zero Cycle Slip Peak EMI reduction IC
More results

Similar Description - ASM3I623S00KF-16-TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S00B PULSECORE-ASM3P623S00B Datasheet
550Kb / 15P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A_14 Datasheet
147Kb / 8P
   Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
P3P623S05A ONSEMI-P3P623S05A Datasheet
197Kb / 11P
   Timing-Safe??Peak EMI Reduction IC
July 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S01B PULSECORE-ASM3P623S01B Datasheet
478Kb / 12P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S05 PULSECORE-ASM3P623S05 Datasheet
703Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P623Z05A PULSECORE-PCS3P623Z05A Datasheet
551Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com