Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2855B Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASM3P2855B
Description  Custom Clock Generator for Fax System
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2855B Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASM3P2855B Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2855B Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2855B Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2855B Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2855B Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2855B Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2855B Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
March 2007
ASM3P2855B
rev 0.2
Notice: The information in this document is subject to change without notice.
Custom Clock Generator for Fax System
2 of 7
Pin Diagram
Pin Description
Pin#
Pin Name
Type
Description
1
XIN / CLKIN
I
Crystal connection or external reference frequency input. This pin has dual functions. It
can be connected either to an external crystal or an external reference clock.
2
XOUT
O
Crystal connection. If using an external reference, this pin must be left unconnected.
3
VDD
P
Power supply for the core
4
VDD_FOUT
P
Power supply for the output buffers.
5
GND_FOUT
P
Ground connection for the output buffers
6
GND
P
Ground connection
7
50MHz
O
Synchronous 50MHz Clock Output
8
50MHz
O
Synchronous 50MHz Clock Output
9
50MHz
O
Synchronous 50MHz Clock Output
10
50MHz
O
Synchronous 50MHz Clock Output
11
50MHz
O
Synchronous 50MHz Clock Output
12
REFOUT
O
24MHz Reference Clock Out put
13
50MHz
O
Synchronous 50MHz Clock Output
14
50MHz
O
Synchronous 50MHz Clock Output
15
50MHz
O
50MHz Clock Output
16
19.52MHz
O
19.52MHz Clock Output
50MHz
50MHz
1
2
3
4
13
14
15
16
5
6
7
8
9
10
11
12
50MHz
50MHz
50MHz
50MHz
19.52MHz
REFOUT
50MHz
VDD
VDD_FOUT
GND
50MHz
XOUT
XIN / CLKIN
ASM3P2855B
GND_FOUT


Similar Part No. - ASM3P2855B

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2855B PULSECORE-ASM3P2855B Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
ASM3P2855BG-16TR PULSECORE-ASM3P2855BG-16TR Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
ASM3P2855BG-16TT PULSECORE-ASM3P2855BG-16TT Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
ASM3P2855B PULSECORE-ASM3P2855B_1 Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
More results

Similar Description - ASM3P2855B

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2854B PULSECORE-ASM3P2854B Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
ASM3P2854B PULSECORE-ASM3P2854B_1 Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
ASM3P2855B PULSECORE-ASM3P2855B_1 Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
logo
ON Semiconductor
ASM3P2855D ONSEMI-ASM3P2855D Datasheet
148Kb / 7P
   Custom Clock Generator for FAX System
MARCH 2010 ??Rev. 1
ASM3P2854C ONSEMI-ASM3P2854C Datasheet
159Kb / 8P
   Custom Clock Generator for Fax System
MARCH 2010 ??Rev. 1
logo
PulseCore Semiconductor
PCS3P7100A PULSECORE-PCS3P7100A_1 Datasheet
386Kb / 9P
   Custom Clock Generator for Display Systems
logo
ON Semiconductor
PCS3P7100A ONSEMI-PCS3P7100A Datasheet
198Kb / 8P
   Custom Clock Generator for Display Systems
JANUARY 2010 ??Rev. 1
logo
PulseCore Semiconductor
PCS3P7100A PULSECORE-PCS3P7100A Datasheet
158Kb / 7P
   Custom Clock Generator for Display Systems
ASM3P2856A PULSECORE-ASM3P2856A Datasheet
361Kb / 8P
   Custom Clock generator for LCD Projector
logo
Nippon Precision Circui...
SM8703AV NPC-SM8703AV Datasheet
106Kb / 12P
   Clock Generator for MPEG2 System
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com