Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA711DGN Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA711DGN
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA711DGN Datasheet(HTML) 1 Page - Texas Instruments

  TPA711DGN Datasheet HTML 1Page - Texas Instruments TPA711DGN Datasheet HTML 2Page - Texas Instruments TPA711DGN Datasheet HTML 3Page - Texas Instruments TPA711DGN Datasheet HTML 4Page - Texas Instruments TPA711DGN Datasheet HTML 5Page - Texas Instruments TPA711DGN Datasheet HTML 6Page - Texas Instruments TPA711DGN Datasheet HTML 7Page - Texas Instruments TPA711DGN Datasheet HTML 8Page - Texas Instruments TPA711DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TPA711
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
SLOS230B – NOVEMBER 1998 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Fully Specified for 3.3-V and 5-V Operation
D Wide Power Supply Compatibility
2.5 V – 5.5 V
D Output Power
– 700 mW at VDD = 5 V, BTL, RL = 8 Ω
– 85 mW at VDD = 5 V, SE, RL = 32 Ω
– 250 mW at VDD = 3.3 V, BTL, RL = 8 Ω
– 37 mW at VDD = 3.3 V, SE, RL = 32 Ω
D Shutdown Control
– IDD = 7 µA at 3.3 V
– IDD = 50 µA at 5 V
D BTL to SE Mode Control
D Integrated Depop Circuitry
D Thermal and Short-Circuit Protection
D Surface-Mount Packaging
– SOIC
– PowerPAD
™ MSOP
description
The TPA711 is a bridge-tied load (BTL) or
single-ended (SE) audio power amplifier devel-
oped especially for low-voltage applicationswhere internal speakers and external earphone operation are
required. Operating with a 3.3-V supply, the TPA711 can deliver 250-mW of continuous power into a BTL 8-
load at less than 0.6% THD+N throughout voice band frequencies. Although this device is characterized out
to 20 kHz, its operation was optimized for narrower band applications such as wireless communications. The
BTL configuration eliminates the need for external coupling capacitors on the output in most applications, which
is particularly important for small battery-powered equipment. A unique feature of the TPA711 is that it allows
the amplifier to switch from BTL to SE
on the fly when an earphone drive is required. This eliminates complicated
mechanical switching or auxiliary devices just to drive the external load. This device features a shutdown mode
for power-sensitive applications with special depop circuitry to eliminate speaker noise when exiting shutdown
mode. The TPA711 is available in an 8-pin SOIC and the surface-mount PowerPAD MSOP package, which
reduces board space by 50% and height by 40%.
Audio
Input
Bias
Control
VDD
700 mW
6
5
7
VO+
VDD
3
1
2
4
BYPASS
IN
SE/BTL
VDD/2
CI
RI
CS
CB
RF
SHUTDOWN
From HP Jack
VO–8
GND
From System Control
+
+
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
SHUTDOWN
BYPASS
SE/BTL
IN
VO
GND
VDD
VO+
D OR DGN PACKAGE
(TOP VIEW)
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - TPA711DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA711DGN TI-TPA711DGN Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711DGNG4 TI-TPA711DGNG4 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711DGNR TI-TPA711DGNR Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711DGNRG4 TI-TPA711DGNRG4 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results

Similar Description - TPA711DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_07 Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711_15 Datasheet
1Mb / 39P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_07 Datasheet
726Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_15 Datasheet
774Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com