Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P623S00FG-16-TR Datasheet(PDF) 7 Page - PulseCore Semiconductor

Part # ASM3P623S00FG-16-TR
Description  Timing-Safe??Peak EMI reduction IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P623S00FG-16-TR Datasheet(HTML) 7 Page - PulseCore Semiconductor

Back Button ASM3P623S00FG-16-TR Datasheet HTML 3Page - PulseCore Semiconductor ASM3P623S00FG-16-TR Datasheet HTML 4Page - PulseCore Semiconductor ASM3P623S00FG-16-TR Datasheet HTML 5Page - PulseCore Semiconductor ASM3P623S00FG-16-TR Datasheet HTML 6Page - PulseCore Semiconductor ASM3P623S00FG-16-TR Datasheet HTML 7Page - PulseCore Semiconductor ASM3P623S00FG-16-TR Datasheet HTML 8Page - PulseCore Semiconductor ASM3P623S00FG-16-TR Datasheet HTML 9Page - PulseCore Semiconductor ASM3P623S00FG-16-TR Datasheet HTML 10Page - PulseCore Semiconductor ASM3P623S00FG-16-TR Datasheet HTML 11Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
May 2007
ASM3P623S00B/C/J/E/F/K
rev 0.4
Timing-Safe™ Peak EMI Reduction IC
7 of 18
Notice: The information in this document is subject to change without notice.
Switching Characteristics for ASM3P623S00B/C/J/E/F/K
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
1/t1
Output Frequency
30pF load
20
50
MHz
Duty Cycle
6 = (t2 / t1) * 100
Measured at VDD/2
40
50
60
%
t3
Output Rise Time
6,7
Measured between 0.8V and 2.0V
2.5
nS
t4
Output Fall Time
6,7
Measured between 2.0V and 0.8V
2.5
nS
t5
Output-to-output skew
6
All outputs equally loaded
250
pS
t6
Delay, CLKIN Rising Edge to
CLKOUT Rising Edge
6
Measured at VDD /2
±350
pS
t7
Device-to-Device Skew
6
Measured at VDD/2 on the CLKOUT pins
of the device
700
pS
tJ
Cycle-to-cycle jitter
6
Loaded outputs
200
pS
tLOCK
PLL Lock Time
6
Stable power supply, valid clock presented
on CLKIN pin
1.0
mS
Notes:
5. CLKIN input has a threshold voltage of VDD/2
6. Parameter is guaranteed by design and characterization. Not 100% tested in production
7. The parameters are specified with loaded outputs.


Similar Part No. - ASM3P623S00FG-16-TR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P623S00FG-16-TR ALSC-ASM3P623S00FG-16-TR Datasheet
301Kb / 16P
   Zero Cycle Slip Peak EMI reduction IC
More results

Similar Description - ASM3P623S00FG-16-TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S00B PULSECORE-ASM3P623S00B Datasheet
550Kb / 15P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A_14 Datasheet
147Kb / 8P
   Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
P3P623S05A ONSEMI-P3P623S05A Datasheet
197Kb / 11P
   Timing-Safe??Peak EMI Reduction IC
July 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S01B PULSECORE-ASM3P623S01B Datasheet
478Kb / 12P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S05 PULSECORE-ASM3P623S05 Datasheet
703Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P623Z05A PULSECORE-PCS3P623Z05A Datasheet
551Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com