Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3I623S00FG-16-TR Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM3I623S00FG-16-TR
Description  Timing-Safe??Peak EMI reduction IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3I623S00FG-16-TR Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM3I623S00FG-16-TR Datasheet HTML 1Page - PulseCore Semiconductor ASM3I623S00FG-16-TR Datasheet HTML 2Page - PulseCore Semiconductor ASM3I623S00FG-16-TR Datasheet HTML 3Page - PulseCore Semiconductor ASM3I623S00FG-16-TR Datasheet HTML 4Page - PulseCore Semiconductor ASM3I623S00FG-16-TR Datasheet HTML 5Page - PulseCore Semiconductor ASM3I623S00FG-16-TR Datasheet HTML 6Page - PulseCore Semiconductor ASM3I623S00FG-16-TR Datasheet HTML 7Page - PulseCore Semiconductor ASM3I623S00FG-16-TR Datasheet HTML 8Page - PulseCore Semiconductor ASM3I623S00FG-16-TR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
May 2007
ASM3P623S00B/C/J/E/F/K
rev 0.4
Timing-Safe™ Peak EMI Reduction IC
3 of 18
Notice: The information in this document is subject to change without notice.
10
7
Pin Configuration (16 Pin Devices)
Pin Description for ASM3P623S00B/C
Pin #
Pin Name
Description
1
CLKIN
Input reference frequency, 5V-tolerant input
2
NC
No Connect
3
SS%
3
Spread Spectrum Selection
4
GND
Ground
5
SSON
3
Spread Spectrum enable and disable option When SSON is HIGH, the spread
spectrum is enabled and when LOW, it turns off the spread spectrum.
6
CLKOUT
1,2
Buffered clock output
7
VDD
3.3V supply
8
NC
No Connect
Notes:
1. This output is driven and has an internal feedback for the PLL.
2. Weak pull-down on output. 3. Weak pull-up on these inputs. 4. Buffered clock output is Timing-Safe™
1
2
3
4
13
14
15
16
5
6
7
8
9
11
12
CLKOUT6
CLKOUT7
CLKOUT4
CLKOUT5
VDD
CLKOUT
GND
SSON
DLY CNTRL
VDD
SS%
GND
CLKOUT2
CLKOUT3
CLKOUT1
CLKIN
ASM3P623S00E/F
1
2
3
4
13
14
15
16
5
6
8
9
10
11
12
CLKOUT6
CLKOUT7
CLKOUT4
CLKOUT5
VDD
CLKOUT
GND
SSON
CLKOUT3
CLKOUT1
VDD
SS%
GND
CLKOUT2
XOUT
XIN/CLKIN
ASM3P623S00K


Similar Part No. - ASM3I623S00FG-16-TR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3I623S00FG-16-TR ALSC-ASM3I623S00FG-16-TR Datasheet
301Kb / 16P
   Zero Cycle Slip Peak EMI reduction IC
More results

Similar Description - ASM3I623S00FG-16-TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S00B PULSECORE-ASM3P623S00B Datasheet
550Kb / 15P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A_14 Datasheet
147Kb / 8P
   Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
P3P623S05A ONSEMI-P3P623S05A Datasheet
197Kb / 11P
   Timing-Safe??Peak EMI Reduction IC
July 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S01B PULSECORE-ASM3P623S01B Datasheet
478Kb / 12P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S05 PULSECORE-ASM3P623S05 Datasheet
703Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P623Z05A PULSECORE-PCS3P623Z05A Datasheet
551Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com