Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5P2305A Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # ASM5P2305A
Description  3.3V Zero Delay Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM5P2305A Datasheet(HTML) 6 Page - PulseCore Semiconductor

Back Button ASM5P2305A Datasheet HTML 2Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 3Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 4Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 5Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 6Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 7Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 8Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 9Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 10Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ASM5P2305A
October 2006
ASM5P2309A
rev 2.2
3.3V Zero Delay Buffer
6 of 19
Notice: The information in this document is subject to change without notice.
Electrical Characteristics for ASM5P2305A and ASM5P2309A - Commercial Temperature Devices
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
VIL
Input LOW Voltage
5
0.8
V
VIH
Input HIGH Voltage
5
2.0
V
IIL
Input LOW Current
VIN = 0V
50
µA
IIH
Input HIGH Current
VIN = VDD
100
µA
VOL
Output LOW Voltage
6
IOL = 8mA (-1)
IOH = 12mA (-1H)
0.4
V
VOH
Output HIGH Voltage
6
IOL = -8mA (-1)
IOH = -12mA (-1H)
2.4
V
IDD
Supply Current
Unloaded outputs at 66.67MHz,
SEL inputs at VDD
34
mA
Zo
Output Impedance
23
Switching Characteristics for ASM5P2305A-1 and ASM5P2309A-1 -- Commercial Temperature Devices
7
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
1/t1
Output Frequency
30pF load
10pF load
15
15
100
133
MHz
Duty Cycle
6 = (t2 / t1) * 100 Measured at 1.4V, FOUT = 66.67MHz
40
50
60
%
t3
Output Rise Time
6
Measured between 0.8V and 2.0V
2.50
nS
t4
Output Fall Time
6
Measured between 2.0V and 0.8V
2.50
nS
t5
Output-to-output skew
6
All outputs equally loaded
250
pS
t6
Delay, REF Rising Edge to
CLKOUT Rising Edge
6
Measured at VDD /2
0
±350
pS
t7
Device-to-Device Skew
6
Measured at VDD/2 on the CLKOUT pins
of the device
0
700
pS
tJ
Cycle-to-cycle jitter
6
Measured at 66.67MHz, loaded outputs
200
pS
tLOCK
PLL Lock Time
6
Stable power supply, valid clock
presented on REF pin
1.0
mS
Notes:
5. REF input has a threshold voltage of VDD /2
6. Parameter is guaranteed by design and characterization. Not 100% tested in production
7. All parameters specified with loaded outputs.


Similar Part No. - ASM5P2305A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5P2305A ALSC-ASM5P2305A Datasheet
398Kb / 20P
   3.3V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2305A ONSEMI-ASM5P2305A Datasheet
144Kb / 12P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 4
logo
Alliance Semiconductor ...
ASM5P2305A-1-08-SR ALSC-ASM5P2305A-1-08-SR Datasheet
398Kb / 20P
   3.3V Zero Delay Buffer
ASM5P2305A-1-08-ST ALSC-ASM5P2305A-1-08-ST Datasheet
398Kb / 20P
   3.3V Zero Delay Buffer
ASM5P2305A-1-08-TR ALSC-ASM5P2305A-1-08-TR Datasheet
398Kb / 20P
   3.3V Zero Delay Buffer
More results

Similar Description - ASM5P2305A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com