Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC1533DW Datasheet(PDF) 5 Page - Texas Instruments

Part # TPIC1533DW
Description  QUAD AND HEX POWER DMOS ARRAY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC1533DW Datasheet(HTML) 5 Page - Texas Instruments

  TPIC1533DW Datasheet HTML 1Page - Texas Instruments TPIC1533DW Datasheet HTML 2Page - Texas Instruments TPIC1533DW Datasheet HTML 3Page - Texas Instruments TPIC1533DW Datasheet HTML 4Page - Texas Instruments TPIC1533DW Datasheet HTML 5Page - Texas Instruments TPIC1533DW Datasheet HTML 6Page - Texas Instruments TPIC1533DW Datasheet HTML 7Page - Texas Instruments TPIC1533DW Datasheet HTML 8Page - Texas Instruments TPIC1533DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TPIC1533
QUAD AND HEX POWER DMOS ARRAY
SLIS064 – OCTOBER 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, Q3A, Q3B, Q4A, Q4B, Q5A, Q5B, TC = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSX
Drain-to-source breakdown voltage
ID = 250 µA,
VGS = 0
20
V
VGS(th)
Gate-to-source threshold voltage
ID = 1 mA,
See Figure 6
VDS = VGS,
1.4
1.7
2.1
V
GS(th)
g
ID = 5 mA,
VDS = VGS
1.65
1.95
2.35
V(BR)
Reverse drain-to-GND breakdown voltage
Drain-to-GND current = 250
µA (D3)
20
V
VDS(on)
Drain-to-source on-state voltage
ID = 2 A,
See Notes 3 and 4
VGS = 10 V,
0.44
0.6
V
VF
Forward on-state voltage, GND-to-VDD3
ID = 1.5 A (D3)
See Notes 3 and 4
1.7
V
VF(SD)
Forward on state voltage source to drain
IS = 1.5 A,
VGS = 0
See Notes 3 and 4 and Figure 20
1
1.2
V
VF(SD)
Forward on-state voltage, source-to-drain
IS = 2 A,
VGS = 0
See Notes 3 and 4 and Figure 20
1.1
1.3
V
VF
Forward on-state voltage, GND-to-GATE 3A,
GND-to-GATE4A, GND-to GATE5A
ID = 1 mA (D4, D5, D6)
0.5
V
IDSS
Zero gate voltage drain current
VDS = 16 V,
TC = 25°C
0.05
1
µA
IDSS
Zero-gate-voltage drain current
DS
,
VGS = 0
TC = 125°C
0.5
10
µA
IGSSF
Forward gate current, drain short-circuited to
source
VGS = 16 V,
VDS = 0
10
100
nA
Ilk
Leakage current, VDD3-to-GND, gate shorted to
VDGND =16V
TC = 25°C
0.05
1
µA
Ilkg
g,
DD3
,g
source
VDGND = 16 V
TC = 125°C
0.5
10
µA
VGS = 10 V,
ID = 1.5 A,
TC = 25°C
0.22
0.3
rDS( )
Static drain to source on state resistance
D
,
See Notes 3 and 4
and Figures 8 and 10
TC = 125°C
0.32
0.4
rDS(on)
Static drain-to-source on-state resistance
VGS = 10 V,
ID = 2 A,
TC = 25°C
0.22
0.3
D
,
See Notes 3 and 4
and Figure 10
TC = 125°C
0.32
0.4
gf
Forward transconductance
VDS = 14 V,
ID = 500 mA,
See Notes 3 and 4
0.3
0.8
S
gfs
Forward transconductance
VDS = 14 V,
ID = 750 mA,
See Notes 3 and 4 and Figure 14
0.4
0.9
S
Ciss
Short-circuit input capacitance, common source
120
Coss
Short-circuit output capacitance, common source
VDS = 14 V,
VGS = 0,
140
pF
Crss
Short-circuit reverse transfer capacitance,
common source
f = 1 MHz,
See Figure 18
80
F
NOTES:
3: Technique should limit TJ – TC to 10°C maximum.
4: These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.


Similar Part No. - TPIC1533DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC1501 TI-TPIC1501 Datasheet
295Kb / 17P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1501A TI-TPIC1501A Datasheet
295Kb / 17P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1501ADW TI-TPIC1501ADW Datasheet
295Kb / 17P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1502 TI-TPIC1502 Datasheet
330Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1502DW TI-TPIC1502DW Datasheet
330Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
More results

Similar Description - TPIC1533DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC1501A TI-TPIC1501A Datasheet
295Kb / 17P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1502 TI-TPIC1502 Datasheet
330Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1504 TI-TPIC1504 Datasheet
331Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1505 TI-TPIC1505 Datasheet
301Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
logo
Supertex, Inc
VC0206N6 SUTEX-VC0206N6 Datasheet
40Kb / 1P
   Complementary Enhancement-Mode Vertical DMOS Power FETs Quad Array
logo
Texas Instruments
TPIC5201 TI1-TPIC5201 Datasheet
242Kb / 12P
[Old version datasheet]   DUAL POWER DMOS ARRAY
logo
Supertex, Inc
VN0106NE SUTEX-VN0106NE Datasheet
38Kb / 1P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs Quad Array?
VP0204N6 SUTEX-VP0204N6 Datasheet
40Kb / 1P
   P-Channel Enhancement-Mode Vertical DMOS Power FETs Quad Array?
VN0204N6 SUTEX-VN0204N6 Datasheet
38Kb / 1P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs Quad Array???
logo
Texas Instruments
TPIC5621L TI1-TPIC5621L Datasheet
240Kb / 13P
[Old version datasheet]   SIX-OUTPUT POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com