Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2P2309NZ Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # PCS2P2309NZ
Description  Nine Output 3.3V Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2P2309NZ Datasheet(HTML) 4 Page - PulseCore Semiconductor

  PCS2P2309NZ Datasheet HTML 1Page - PulseCore Semiconductor PCS2P2309NZ Datasheet HTML 2Page - PulseCore Semiconductor PCS2P2309NZ Datasheet HTML 3Page - PulseCore Semiconductor PCS2P2309NZ Datasheet HTML 4Page - PulseCore Semiconductor PCS2P2309NZ Datasheet HTML 5Page - PulseCore Semiconductor PCS2P2309NZ Datasheet HTML 6Page - PulseCore Semiconductor PCS2P2309NZ Datasheet HTML 7Page - PulseCore Semiconductor PCS2P2309NZ Datasheet HTML 8Page - PulseCore Semiconductor PCS2P2309NZ Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
September 2006
PCS2P2309NZ
rev 0.3
Nine Output 3.3V Buffer
4 of 9
Notice: The information in this document is subject to change without notice.
Electrical Characteristics for Commercial and Industrial Temperature Devices
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW Voltage
1
-
0.8
V
VIH
Input HIGH Voltage
1
2.0
-
V
IIL
Input LOW Current
VIN = 0V
-
50.0
µA
IIH
Input HIGH Current
VIN= VDD
-
100.0
µA
VOL
Output LOW Voltage
2
IOL= 8 mA
-
0.4
V
VOH
Output HIGH Voltage
2
IOH = -8 mA
2.4
-
V
IDD
Supply Current
Unloaded outputs at 66.66MHz
-
32
mA
Switching Characteristics for Commercial and Industrial Temperature Devices
3
Parameter
Name
Description
Min
Typ
Max
Unit
tD
Duty Cycle
2= t2 ÷t1
Measured at 1.4V
40.0
50.0
60.0
%
t3
Rise Time
2
Measured between 0.8V and 2.0V
-
-
1.50
nS
t4
Fall Time
2
Measured between 0.8V and 2.0V
-
-
1.50
nS
t5
Output to Output Skew
2
All outputs equally loaded
-
-
250
pS
t6
Propagation Delay,
BUF_IN Rising Edge to
OUTPUT Rising Edge
2
Measured at VDD/2
1
5
9.2
nS
Note:
1. BUF_IN input has a threshold voltage of VDD/2.
2. Parameter is guaranteed by design and characterization. It is not 100% tested in production.
3. All parameters specified with loaded outputs.


Similar Part No. - PCS2P2309NZ

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2P2309NZ PULSECORE-PCS2P2309NZ Datasheet
320Kb / 8P
   3.3V 1:9 Clock Buffer
logo
ON Semiconductor
PCS2P2309NZ ONSEMI-PCS2P2309NZ Datasheet
104Kb / 6P
   3.3 V 1:9 Clock Buffer
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
PCS2P2309NZF-16-SR PULSECORE-PCS2P2309NZF-16-SR Datasheet
320Kb / 8P
   3.3V 1:9 Clock Buffer
PCS2P2309NZF-16-ST PULSECORE-PCS2P2309NZF-16-ST Datasheet
320Kb / 8P
   3.3V 1:9 Clock Buffer
PCS2P2309NZG-16-SR PULSECORE-PCS2P2309NZG-16-SR Datasheet
320Kb / 8P
   3.3V 1:9 Clock Buffer
More results

Similar Description - PCS2P2309NZ

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2309NZ CYPRESS-CY2309NZ Datasheet
115Kb / 5P
   Nine-Output 3.3V Buffer
logo
Alliance Semiconductor ...
ASM2P2309NZ ALSC-ASM2P2309NZ Datasheet
398Kb / 9P
   Nine Output 3.3V Buffer
ASM5P2309NZ ALSC-ASM5P2309NZ Datasheet
392Kb / 9P
   Nine Output 3.3V Buffer
logo
Cypress Semiconductor
CY2309NZ CYPRESS-CY2309NZ_08 Datasheet
203Kb / 6P
   Nine-Output 3.3V Buffer
logo
Renesas Technology Corp
IDT2309NZ RENESAS-IDT2309NZ Datasheet
292Kb / 6P
   NINE OUTPUT 3.3V CLOCK BUFFER
MAY 2010
logo
Integrated Device Techn...
IDT2309NZ IDT-IDT2309NZ_10 Datasheet
126Kb / 5P
   NINE OUTPUT 3.3V CLOCK BUFFER
IDT2309NZ IDT-IDT2309NZ Datasheet
47Kb / 5P
   NINE OUTPUT 3.3V CLOCK BUFFER
logo
Renesas Technology Corp
IDT2305NZ RENESAS-IDT2305NZ Datasheet
279Kb / 7P
   FIVE OUTPUT 3.3V CLOCK BUFFER
FEB. 2017
logo
Integrated Device Techn...
IDT2305NZ IDT-IDT2305NZ Datasheet
120Kb / 5P
   FIVE OUTPUT 3.3V CLOCK BUFFER
IDT2305NZ IDT-IDT2305NZ_17 Datasheet
112Kb / 6P
   FIVE OUTPUT 3.3V CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com