Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC2101D Datasheet(PDF) 8 Page - Texas Instruments

Part # TPIC2101D
Description  DC BRUSH MOTOR CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC2101D Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPIC2101D Datasheet HTML 4Page - Texas Instruments TPIC2101D Datasheet HTML 5Page - Texas Instruments TPIC2101D Datasheet HTML 6Page - Texas Instruments TPIC2101D Datasheet HTML 7Page - Texas Instruments TPIC2101D Datasheet HTML 8Page - Texas Instruments TPIC2101D Datasheet HTML 9Page - Texas Instruments TPIC2101D Datasheet HTML 10Page - Texas Instruments TPIC2101D Datasheet HTML 11Page - Texas Instruments TPIC2101D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TPIC2101
DC BRUSH MOTOR CONTROLLER
SLIS060 – OCTOBER 1995
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
over/under voltage operating
The TPIC2101 detects an over or under voltage condition (on the Vbat terminal) and turns off the gate drive
circuit. The device remains in this condition until the supply voltage returns to normal operating voltage.
Hysteresis assures that the over/under voltage condition does not toggle off and on near the threshold. The INT
terminal pulls toward GND through an internal impedance of less than 500
Ω during the over-voltage condition
or during sleep state. This ensures a slow ramp up of the GD terminal PWM when the Vbat voltage returns to
the operating range.
current limit operation
An over-current condition is detected if the ILS terminal is higher than the ILR terminal while the gate drive (GD
terminal) is high. This condition activates a closed-loop control, causing the INT terminal to be pulled low
(through an internal resistance less than 500
Ω) lowering the commanded duty cycle to close the loop.
current fault operation
During a window of 8192 clock cycles, a latch is set if at least once during the window, a current limit condition
is detected. If a current limit condition is set for eight consecutive 8192 clock cycle windows, the gate drive (GD
terminal) will be shut off for a disable period of 65536 clock cycles. During the disable period, the INT terminal
is pulled to GND through an internal resistance of less than 500
Ω. After the disable period is completed, an
internal restart is attempted. If the current limit is present again, as described above, for 8 consecutive windows,
the GD and INT terminals are again pulled to GND and the device remains in this current fault state until the
device is cycled through a sleep state to run state. However, if the current limit condition is not present during
any of the eight 8192 clock cycle windows, the latches for the 8 count window timer and the two cycle
shutdown/restart are reset. See timing diagrams, Figures 6, 7, and 8.
absolute maximum ratings over the operating free-air temperature range (unless otherwise
noted)
Supply voltage range, Vbat
– 0.3 V to 40 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, MAN, AUTO
– 0.3 V to 40 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, INT CCS, ILR
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous gate drive output current, IGD
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous speed output current, IO(SPEED)
±1 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO(V5P5), IO(AREF)
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous ROSC output Current, IO(ROSC)
1 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO(CCS)
500
µA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, junction to ambient, RΘJA: D package
131
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
78
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air termperature range, TA
–40
°C to 105°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJM
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ Under load dump conditions, the voltage on Vbat can reach 40 V within 1 ms.


Similar Part No. - TPIC2101D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101D TI1-TPIC2101D Datasheet
397Kb / 21P
[Old version datasheet]   DC BRUSH MOTOR CONTROLLER
TPIC2101DG4 TI1-TPIC2101DG4 Datasheet
397Kb / 21P
[Old version datasheet]   DC BRUSH MOTOR CONTROLLER
TPIC2101DR TI1-TPIC2101DR Datasheet
397Kb / 21P
[Old version datasheet]   DC BRUSH MOTOR CONTROLLER
More results

Similar Description - TPIC2101D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101 TI1-TPIC2101_12 Datasheet
397Kb / 21P
[Old version datasheet]   DC BRUSH MOTOR CONTROLLER
logo
Rohm
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
   DC Brush Motor Drivers
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
   DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
   DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
   DC Brush Motor Drivers
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
   Motor driver with DC brush
logo
Unisonic Technologies
UMD9111 UTC-UMD9111 Datasheet
184Kb / 8P
   BRUSH DC MOTOR DRIVE CIRCUIT
logo
Shenzhen Huazhimei Semi...
HM2572 HMSEMI-HM2572 Datasheet
1Mb / 14P
   Brush type DC motor driver
logo
Unisonic Technologies
UMD9113 UTC-UMD9113 Datasheet
164Kb / 8P
   BRUSH DC MOTOR DRIVE CIRCUIT
logo
Shenzhen Huazhimei Semi...
HM2570 HMSEMI-HM2570 Datasheet
749Kb / 11P
   Brush type DC motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com