Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2P3805EG-20-DR Datasheet(PDF) 11 Page - PulseCore Semiconductor

Part # PCS2P3805EG-20-DR
Description  3.3V CMOS Dual 1-To-5 Clock Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2P3805EG-20-DR Datasheet(HTML) 11 Page - PulseCore Semiconductor

Back Button PCS2P3805EG-20-DR Datasheet HTML 3Page - PulseCore Semiconductor PCS2P3805EG-20-DR Datasheet HTML 4Page - PulseCore Semiconductor PCS2P3805EG-20-DR Datasheet HTML 5Page - PulseCore Semiconductor PCS2P3805EG-20-DR Datasheet HTML 6Page - PulseCore Semiconductor PCS2P3805EG-20-DR Datasheet HTML 7Page - PulseCore Semiconductor PCS2P3805EG-20-DR Datasheet HTML 8Page - PulseCore Semiconductor PCS2P3805EG-20-DR Datasheet HTML 9Page - PulseCore Semiconductor PCS2P3805EG-20-DR Datasheet HTML 10Page - PulseCore Semiconductor PCS2P3805EG-20-DR Datasheet HTML 11Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
September 2006
PCS2P3805E
rev 0.3
3.3V CMOS Dual 1-To-5 Clock Driver
11 of 11
Notice: The information in this document is subject to change without notice.
© Copyright 2006 PulseCore Semiconductor Corporation. All rights reserved. Our logo and name are trademarks or
registered trademarks of PulseCore Semiconductor. All other brand and product names may be the trademarks of their
respective companies. PulseCore reserves the right to make changes to this document and its products at any time without
notice. PulseCore assumes no responsibility for any errors that may appear in this document. The data contained herein
represents PulseCore’s best data and/or estimates at the time of issuance. PulseCore reserves the right to change or correct
this data at any time, without notice. If the product described herein is under development, significant changes to these
specifications are possible. The information in this product data sheet is intended to be general descriptive information for
potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or
customer. PulseCore does not assume any responsibility or liability arising out of the application or use of any product
described herein, and disclaims any express or implied warranties related to the sale and/or use of PulseCore products
including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual
property rights, except as express agreed to in PulseCore’s Terms and Conditions of Sale (which are available from
PulseCore). All sales of PulseCore products are made exclusively according to PulseCore’s Terms and Conditions of Sale.
The purchase of products from PulseCore does not convey a license under any patent rights, copyrights; mask works rights,
trademarks, or any other intellectual property rights of PulseCore or third parties. PulseCore does not authorize its products
for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result
in significant injury to the user, and the inclusion of PulseCore products in such life-supporting systems implies that the
manufacturer assumes all risk of such use and agrees to indemnify PulseCore against all claims arising from such use.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200
Campbell, CA 95008
Tel: 408-879-9077
Fax: 408-879-9018
www.pulsecoresemi.com
Copyright © PulseCore Semiconductor
All Rights Reserved
Preliminary Information
Part Number: PCS2P3805E
Document Version: 0.3
Note: This product utilizes US Patent # 6,646,463 Impedance Emulator Patent issued to PulseCore Semiconductor, dated 11-11-2003


Similar Part No. - PCS2P3805EG-20-DR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2P3805A PULSECORE-PCS2P3805A Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
PCS2P3805AG-20-AR PULSECORE-PCS2P3805AG-20-AR Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
PCS2P3805AG-20-AT PULSECORE-PCS2P3805AG-20-AT Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
PCS2P3805AG-20-DR PULSECORE-PCS2P3805AG-20-DR Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
PCS2P3805AG-20-DT PULSECORE-PCS2P3805AG-20-DT Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
More results

Similar Description - PCS2P3805EG-20-DR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT49FCT3805D RENESAS-IDT49FCT3805D Datasheet
233Kb / 8P
   3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
MAY 2010
logo
Alliance Semiconductor ...
ASM2P3805X ALSC-ASM2P3805X Datasheet
500Kb / 12P
   3.3V CMOS Dual 1-To-5 Clock Driver
logo
Integrated Device Techn...
IDT49FCT3805D IDT-IDT49FCT3805D Datasheet
71Kb / 7P
   3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075 Datasheet
54Kb / 5P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
IDT74FCT38075 IDT-IDT74FCT38075_12 Datasheet
209Kb / 6P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
logo
Potato Semiconductor Co...
PO49FCT3805B POTATO-PO49FCT3805B Datasheet
660Kb / 7P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32805 POTATO-PO49FCT32805 Datasheet
564Kb / 6P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32806 POTATO-PO49FCT32806 Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT3806 POTATO-PO49FCT3806 Datasheet
562Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com