Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2P20807AG-20-AT Datasheet(PDF) 7 Page - PulseCore Semiconductor

Part # PCS2P20807AG-20-AT
Description  2.5V CMOS 1-TO-10 CLOCK DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2P20807AG-20-AT Datasheet(HTML) 7 Page - PulseCore Semiconductor

Back Button PCS2P20807AG-20-AT Datasheet HTML 3Page - PulseCore Semiconductor PCS2P20807AG-20-AT Datasheet HTML 4Page - PulseCore Semiconductor PCS2P20807AG-20-AT Datasheet HTML 5Page - PulseCore Semiconductor PCS2P20807AG-20-AT Datasheet HTML 6Page - PulseCore Semiconductor PCS2P20807AG-20-AT Datasheet HTML 7Page - PulseCore Semiconductor PCS2P20807AG-20-AT Datasheet HTML 8Page - PulseCore Semiconductor PCS2P20807AG-20-AT Datasheet HTML 9Page - PulseCore Semiconductor PCS2P20807AG-20-AT Datasheet HTML 10Page - PulseCore Semiconductor PCS2P20807AG-20-AT Datasheet HTML 11Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
September 2006
PCS2P20807A
rev 0.3
2.5V CMOS 1-TO-10 CLOCK DRIVER
7 of 11
Notice: The information in this document is subject to change without notice.
Output Skew - tSK(O)
Part-to-Part Skew - tSK(PP)
NOTE: Device 1 and device 2 are same package type and speed grade.
Test Conditions
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
tR / tF = Rise/Fall time of the input stimulus from the Pulse Generator.
NOTES:
1. Test conditions at 100MHz.
2. Test conditions at 150MHz.
Symbol
VCC = 2.5V ±0.2V
Unit
22
1
CL
12
2
pF
RT
Z OUT of pulse generator
1.25
1
tR / tF
1.2
2
nS
tPLH
tPLHL 1
tSK(O)
tPLH2
tPHL2
tSK(O)
2.5V
1.25V
OV
INPUT
tSK(O) =[ tPLH2 – tPLH 1 ] or [tPHL2 - tPHL1 ]
VOH
1.25 V
VOL
OUTPUT 1
VOH
1.25 V
VOL
OUTPUT 2
tSK(t) =[ tPLH2 – tPLH 1 ] or [tPHL2 - tPHL1 ]
VOH
1.25 V
VOL
DEVICE 1 OUTPUT
VOH
1.25 V
VOL
DEVICE 2 OUTPUT
tPLH 1
tPLHL 1
tSK(t)
tPLH2
tPHL2
tSK(t)
2.5V
1.25V
OV
INPUT
DEVICE 2 OUTPUT


Similar Part No. - PCS2P20807AG-20-AT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2P20805A PULSECORE-PCS2P20805A Datasheet
466Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
PCS2P20805AG-20-AR PULSECORE-PCS2P20805AG-20-AR Datasheet
466Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
PCS2P20805AG-20-AT PULSECORE-PCS2P20805AG-20-AT Datasheet
466Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
PCS2P20805AG-20-DR PULSECORE-PCS2P20805AG-20-DR Datasheet
466Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
PCS2P20805AG-20-DT PULSECORE-PCS2P20805AG-20-DT Datasheet
466Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
More results

Similar Description - PCS2P20807AG-20-AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P20807A ALSC-ASM2P20807A Datasheet
467Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT20807 RENESAS-IDT74FCT20807 Datasheet
217Kb / 7P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT49FCT20805 IDT-IDT49FCT20805 Datasheet
63Kb / 7P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P20805A PULSECORE-PCS2P20805A Datasheet
466Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
logo
Integrated Device Techn...
IDT49FCT20805 IDT-IDT49FCT20805_14 Datasheet
103Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT49FCT20805 IDT-IDT49FCT20805_09 Datasheet
71Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT20805 RENESAS-IDT49FCT20805 Datasheet
273Kb / 9P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
FEBRUARY 2014 c 2014
logo
Alliance Semiconductor ...
ASM2P20805A ALSC-ASM2P20805A Datasheet
486Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com