Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2P3805EG-20-DT Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # PCS2P3805EG-20-DT
Description  3.3V CMOS Dual 1-To-5 Clock Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2P3805EG-20-DT Datasheet(HTML) 5 Page - PulseCore Semiconductor

  PCS2P3805EG-20-DT Datasheet HTML 1Page - PulseCore Semiconductor PCS2P3805EG-20-DT Datasheet HTML 2Page - PulseCore Semiconductor PCS2P3805EG-20-DT Datasheet HTML 3Page - PulseCore Semiconductor PCS2P3805EG-20-DT Datasheet HTML 4Page - PulseCore Semiconductor PCS2P3805EG-20-DT Datasheet HTML 5Page - PulseCore Semiconductor PCS2P3805EG-20-DT Datasheet HTML 6Page - PulseCore Semiconductor PCS2P3805EG-20-DT Datasheet HTML 7Page - PulseCore Semiconductor PCS2P3805EG-20-DT Datasheet HTML 8Page - PulseCore Semiconductor PCS2P3805EG-20-DT Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
September 2006
PCS2P3805E
rev 0.3
3.3V CMOS Dual 1-To-5 Clock Driver
5 of 11
Notice: The information in this document is subject to change without notice.
Switching Characteristics Over Operating Range – PCS2P3805E3,4
Symbol
Parameter
Conditions1,8
Min2
Max
Unit
tPLH
tPHL
Propagation Delay
INA to OAn, INB to OBn
0.5
2.5
nS
tR
Output Rise Time
(Measured from 0.7V to 1.7V)
-
1
nS
tF
Output Fall Time
(Measured from 1.7V to 0.7V)
-
1
nS
tSK(O)
Same device output pin to pin skew
5
-
200
pS
tSK(P)
Pulse skew
6,9
-
270
pS
tSK(PP)
Part to part skew
7
-
550
pS
tPZL
tPZH
Output Enable Time
OE
¯¯ A to OAn, OE
¯¯ B to OBn
-
5.2
nS
tPLZ
tPHZ
Output Disable Time
OE
¯¯ A to OAn, OE
¯¯ B to OBn
-
5.2
nS
fMAX
Input Frequency
CL= 15pF
f ≤166MHz
-
166
MHz
Notes:
1. See test circuits and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. tPLH , tPHL and tSK(O) are production tested. All other parameters guaranteed but not production tested.
4. Propagation delay range indicated by Min and Max limit is due to VCC, operating temperature and process parameters. These propagation delay limits do not
imply skew.
5. Skew measured between all outputs under identical transitions and load conditions.
6. Skew measured is difference between propagation delay times tPHL and tPLH of same outputs under identical load conditions.
7. Part to part skew for all outputs given identical transitions and load conditions at identical VCC levels and temperature.
8. Airflow of 1m/s is recommended for frequencies above 133MHz.
9. This parameter is measured using f = 1MHz.


Similar Part No. - PCS2P3805EG-20-DT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2P3805A PULSECORE-PCS2P3805A Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
PCS2P3805AG-20-AR PULSECORE-PCS2P3805AG-20-AR Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
PCS2P3805AG-20-AT PULSECORE-PCS2P3805AG-20-AT Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
PCS2P3805AG-20-DR PULSECORE-PCS2P3805AG-20-DR Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
PCS2P3805AG-20-DT PULSECORE-PCS2P3805AG-20-DT Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
More results

Similar Description - PCS2P3805EG-20-DT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT49FCT3805D RENESAS-IDT49FCT3805D Datasheet
233Kb / 8P
   3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
MAY 2010
logo
Alliance Semiconductor ...
ASM2P3805X ALSC-ASM2P3805X Datasheet
500Kb / 12P
   3.3V CMOS Dual 1-To-5 Clock Driver
logo
Integrated Device Techn...
IDT49FCT3805D IDT-IDT49FCT3805D Datasheet
71Kb / 7P
   3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075 Datasheet
54Kb / 5P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
IDT74FCT38075 IDT-IDT74FCT38075_12 Datasheet
209Kb / 6P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
logo
Potato Semiconductor Co...
PO49FCT3805B POTATO-PO49FCT3805B Datasheet
660Kb / 7P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32805 POTATO-PO49FCT32805 Datasheet
564Kb / 6P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32806 POTATO-PO49FCT32806 Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT3806 POTATO-PO49FCT3806 Datasheet
562Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com