Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2P20805AG-20-DT Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # PCS2P20805AG-20-DT
Description  2.5V CMOS Dual 1-To-5 Clock Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2P20805AG-20-DT Datasheet(HTML) 1 Page - PulseCore Semiconductor

  PCS2P20805AG-20-DT Datasheet HTML 1Page - PulseCore Semiconductor PCS2P20805AG-20-DT Datasheet HTML 2Page - PulseCore Semiconductor PCS2P20805AG-20-DT Datasheet HTML 3Page - PulseCore Semiconductor PCS2P20805AG-20-DT Datasheet HTML 4Page - PulseCore Semiconductor PCS2P20805AG-20-DT Datasheet HTML 5Page - PulseCore Semiconductor PCS2P20805AG-20-DT Datasheet HTML 6Page - PulseCore Semiconductor PCS2P20805AG-20-DT Datasheet HTML 7Page - PulseCore Semiconductor PCS2P20805AG-20-DT Datasheet HTML 8Page - PulseCore Semiconductor PCS2P20805AG-20-DT Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
September 2006
PCS2P20805A
rev 0.3
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200 Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
2.5V CMOS Dual 1-To-5 Clock Driver
Features
Advanced CMOS Technology
Guaranteed low skew < 200pS (max.)
Very low propagation delay < 2.5nS (max)
Very low duty cycle distortion < 270pS (max)
Very low CMOS power levels
Operating frequency up to 166MHz
TTL compatible inputs and outputs
Two independent output banks with 3-state control
1:5 fanout per bank
"Heartbeat" monitor output
VCC = 2.5V ± 0.2V
Available in SSOP and QSOP packages
Block Diagram
Functional Description
The PCS2P20805A is a 2.5V Clock driver built using
advanced CMOS technology. The device consists of two
banks of drivers, each with a 1:5 fanout and its own output
enable control. The device has a "heartbeat" monitor for
diagnostics and PLL driving. The MON output is identical to
all other outputs and complies with the output specifications
in
this
document.
The
PCS2P20805A
offers
low
capacitance inputs. The PCS2P20805A is designed for
high speed clock distribution where signal quality and skew
are critical. The PCS2P20805A also allows single point-to-
point transmission line driving in applications such as
address distribution, where one signal must be distributed
to multiple receivers with low skew and high signal quality.
Pin Diagram
OB1 – OB5
INA
INB
OEB
OEA
OA1 – OA5
MON
5
5
SSOP/ QSOP PACKAGE
TOP VIEW
VCCA
OA1
OA2
OA3
GNDA
OA4
OA5
GNDQ
OEA
INA
INB
OEB
MON
OB5
OB4
GNDB
OB3
OB2
OB1
VCCB
PCS2P20805A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20


Similar Part No. - PCS2P20805AG-20-DT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2P20807A PULSECORE-PCS2P20807A Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
PCS2P20807AG-20-AR PULSECORE-PCS2P20807AG-20-AR Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
PCS2P20807AG-20-AT PULSECORE-PCS2P20807AG-20-AT Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
PCS2P20807AG-20-DR PULSECORE-PCS2P20807AG-20-DR Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
PCS2P20807AG-20-DT PULSECORE-PCS2P20807AG-20-DT Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
More results

Similar Description - PCS2P20805AG-20-DT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT20805 IDT-IDT49FCT20805 Datasheet
63Kb / 7P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT49FCT20805 IDT-IDT49FCT20805_14 Datasheet
103Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT49FCT20805 IDT-IDT49FCT20805_09 Datasheet
71Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT20805 RENESAS-IDT49FCT20805 Datasheet
273Kb / 9P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
FEBRUARY 2014 c 2014
logo
Alliance Semiconductor ...
ASM2P20805A ALSC-ASM2P20805A Datasheet
486Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
logo
Integrated Device Techn...
49FCT20805PYGI IDT-49FCT20805PYGI Datasheet
71Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P20807A ALSC-ASM2P20807A Datasheet
467Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P20807A PULSECORE-PCS2P20807A Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com