Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2I3805AG-20-AT Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # PCS2I3805AG-20-AT
Description  3.3V CMOS Buffer Clock Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2I3805AG-20-AT Datasheet(HTML) 3 Page - PulseCore Semiconductor

  PCS2I3805AG-20-AT Datasheet HTML 1Page - PulseCore Semiconductor PCS2I3805AG-20-AT Datasheet HTML 2Page - PulseCore Semiconductor PCS2I3805AG-20-AT Datasheet HTML 3Page - PulseCore Semiconductor PCS2I3805AG-20-AT Datasheet HTML 4Page - PulseCore Semiconductor PCS2I3805AG-20-AT Datasheet HTML 5Page - PulseCore Semiconductor PCS2I3805AG-20-AT Datasheet HTML 6Page - PulseCore Semiconductor PCS2I3805AG-20-AT Datasheet HTML 7Page - PulseCore Semiconductor PCS2I3805AG-20-AT Datasheet HTML 8Page - PulseCore Semiconductor PCS2I3805AG-20-AT Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
September 2006
PCS2P3805A
rev 0.3
3.3V CMOS Buffer Clock Driver
3 of 12
Notice: The information in this document is subject to change without notice.
Function Table
Inputs
Outputs
OE
¯¯ A, OE
¯¯ B
INA, INB
OAn, OBn
MON
L
L
L
L
L
H
H
H
H
L
Z
L
H
H
Z
H
Note: H = HIGH; L = LOW; Z = High-Impedance
Capacitance (T
A = +25°C, f = 1.0MHz)
Symbol
Parameter
1
Conditions
Typ
Max
Unit
CIN
Input Capacitance
VIN= 0V
4.5
6
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8
pF
Note: 1 This parameter is measured at characterization but not tested.
Absolute Maximum Ratings
1
Symbol
Description
Max
Unit
VTERM
2
Terminal Voltage with Respect to GND
-0.5 to +4.6
V
VTERM
3
Terminal Voltage with Respect to GND
-0.5 to +7
V
VTERM
4
Terminal Voltage with Respect to GND
-0.5 to VCC+0.5
V
IOUT
DC Output Current
-60 to +60
mA
TSTG
Storage Temperature
-65 to +150
° C
TJ
Junction Temperature
150
° C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: 1 These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
2. VCC terminals.
3. Input terminals.
4. Outputs and I/O terminals.


Similar Part No. - PCS2I3805AG-20-AT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2I3805EG-20-AR PULSECORE-PCS2I3805EG-20-AR Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
PCS2I3805EG-20-AT PULSECORE-PCS2I3805EG-20-AT Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
PCS2I3805EG-20-DR PULSECORE-PCS2I3805EG-20-DR Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
PCS2I3805EG-20-DT PULSECORE-PCS2I3805EG-20-DT Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
More results

Similar Description - PCS2I3805AG-20-AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
49FCT3805BQG8 IDT-49FCT3805BQG8 Datasheet
73Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805 IDT-IDT49FCT3805 Datasheet
62Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805B IDT-IDT49FCT3805B Datasheet
374Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3805AH ALSC-ASM2P3805AH Datasheet
534Kb / 13P
   3.3V CMOS Buffer Clock Driver
logo
Renesas Technology Corp
IDT49FCT3805B RENESAS-IDT49FCT3805B Datasheet
229Kb / 8P
   3.3V CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Pericom Semiconductor C...
PI49FCT3804 PERICOM-PI49FCT3804 Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805 Datasheet
431Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805_10 Datasheet
514Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Diodes Incorporated
PI49FCT3805 DIODES-PI49FCT3805_V01 Datasheet
1Mb / 12P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Integrated Device Techn...
QS532805 IDT-QS532805 Datasheet
97Kb / 6P
   GUARANTEED LOW SKEW 3.3V CMOS CLOCK DRIVER/BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com