Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2I3805AG-20-DR Datasheet(PDF) 7 Page - PulseCore Semiconductor

Part # PCS2I3805AG-20-DR
Description  3.3V CMOS Buffer Clock Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2I3805AG-20-DR Datasheet(HTML) 7 Page - PulseCore Semiconductor

Back Button PCS2I3805AG-20-DR Datasheet HTML 3Page - PulseCore Semiconductor PCS2I3805AG-20-DR Datasheet HTML 4Page - PulseCore Semiconductor PCS2I3805AG-20-DR Datasheet HTML 5Page - PulseCore Semiconductor PCS2I3805AG-20-DR Datasheet HTML 6Page - PulseCore Semiconductor PCS2I3805AG-20-DR Datasheet HTML 7Page - PulseCore Semiconductor PCS2I3805AG-20-DR Datasheet HTML 8Page - PulseCore Semiconductor PCS2I3805AG-20-DR Datasheet HTML 9Page - PulseCore Semiconductor PCS2I3805AG-20-DR Datasheet HTML 10Page - PulseCore Semiconductor PCS2I3805AG-20-DR Datasheet HTML 11Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
September 2006
PCS2P3805A
rev 0.3
3.3V CMOS Buffer Clock Driver
7 of 12
Notice: The information in this document is subject to change without notice.
Test Circuits and Waveforms
Switch Position
Test
Switch
Disable Low
Enable Low
6V
Disable High
Enable High
GND
Definitions:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse
Generator.
INPUT
tPLH1
tPHL1
3V
VOH
1.5V
VOL
OUTPUT 1
tSK(O) = | tPLH2 - tPLH1 | or | tPHL2 - tPHL1 |
tSK(O)
tSK(O)
tPLH2
tPHL2
VOH
OUTPUT 2
Output Skew – tSK(o)
INPUT
OUTPUT
0V
tPLH
tPHL
1.5V
3V
VOH
2.0V
1.5V
0.8V
VOL
tF
tR
Package Delay
INPUT
0V
tPLH
tPHL
1.5V
3V
VOH
1.5V
VOL
OUTPUT
Pulse Skew
tSK(P) = | tPLH - tPLH |
Enable and Disable Times
ENABLE
tPLZ
3V
1.5V
0V
DISABLE
VOH
VOL
0V
0.3V
3.5V
0.3V
tPZL
0V
1.5V
3.5V
1.5V
SWITCH
CLOSED
tPZH
tPHZ
SWITCH
OPEN
CONTROL
INPUT
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
Note:
Diagram shown for input Control Enable-LOW and input Control Disable-HIGH
Note:
Pulse Generator for all Pulses:f ≤ 10MHz; tF ≤ 2.5nS; tR ≤ 2.5nS
INPUT
0V
tPLH1
tPHL1
1.5V
3V
VOH
1.5V
VOL
Package 1
OUTPUT
tSK(t) = | tPLH2 - tPLH1 | or | tPHL2 - tPHL1 |
tSK(t)
tSK(t)
tPLH2
tPHL2
VOH
1.5V
VOL
Package 2
OUTPUT
Package Skew – tSK(t)
VCC
RT
Pulse
Generator
VIN
D.U.T
50pF
GND
6V
500Ω
500Ω
VOUT
Test Circuits for All Outputs


Similar Part No. - PCS2I3805AG-20-DR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2I3805EG-20-AR PULSECORE-PCS2I3805EG-20-AR Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
PCS2I3805EG-20-AT PULSECORE-PCS2I3805EG-20-AT Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
PCS2I3805EG-20-DR PULSECORE-PCS2I3805EG-20-DR Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
PCS2I3805EG-20-DT PULSECORE-PCS2I3805EG-20-DT Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
More results

Similar Description - PCS2I3805AG-20-DR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
49FCT3805BQG8 IDT-49FCT3805BQG8 Datasheet
73Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805 IDT-IDT49FCT3805 Datasheet
62Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805B IDT-IDT49FCT3805B Datasheet
374Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3805AH ALSC-ASM2P3805AH Datasheet
534Kb / 13P
   3.3V CMOS Buffer Clock Driver
logo
Renesas Technology Corp
IDT49FCT3805B RENESAS-IDT49FCT3805B Datasheet
229Kb / 8P
   3.3V CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Pericom Semiconductor C...
PI49FCT3804 PERICOM-PI49FCT3804 Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805 Datasheet
431Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805_10 Datasheet
514Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Diodes Incorporated
PI49FCT3805 DIODES-PI49FCT3805_V01 Datasheet
1Mb / 12P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Integrated Device Techn...
QS532805 IDT-QS532805 Datasheet
97Kb / 6P
   GUARANTEED LOW SKEW 3.3V CMOS CLOCK DRIVER/BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com