Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2I3805AG-20-ST Datasheet(PDF) 9 Page - PulseCore Semiconductor

Part # PCS2I3805AG-20-ST
Description  3.3V CMOS Buffer Clock Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2I3805AG-20-ST Datasheet(HTML) 9 Page - PulseCore Semiconductor

Back Button PCS2I3805AG-20-ST Datasheet HTML 4Page - PulseCore Semiconductor PCS2I3805AG-20-ST Datasheet HTML 5Page - PulseCore Semiconductor PCS2I3805AG-20-ST Datasheet HTML 6Page - PulseCore Semiconductor PCS2I3805AG-20-ST Datasheet HTML 7Page - PulseCore Semiconductor PCS2I3805AG-20-ST Datasheet HTML 8Page - PulseCore Semiconductor PCS2I3805AG-20-ST Datasheet HTML 9Page - PulseCore Semiconductor PCS2I3805AG-20-ST Datasheet HTML 10Page - PulseCore Semiconductor PCS2I3805AG-20-ST Datasheet HTML 11Page - PulseCore Semiconductor PCS2I3805AG-20-ST Datasheet HTML 12Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
September 2006
PCS2P3805A
rev 0.3
3.3V CMOS Buffer Clock Driver
9 of 12
Notice: The information in this document is subject to change without notice.
20-lead QSOP
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
0.060
0.068
1.52
1.73
A1
0.004
0.008
0.10
0.20
b
0.009
0.012
0.23
0.30
c
0.007
0.010
0.18
0.25
D
0.337
0.344
8.56
8.74
E
0.150
0.157
3.81
3.99
e
0.025 BSC
0.64 BSC
H
0.230
0.244
5.84
6.20
h
0.010
0.016
0.25
0.41
L
0.016
0.035
0.41
0.89
S
0.056
0.060
1.42
1.52
a


Similar Part No. - PCS2I3805AG-20-ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2I3805EG-20-AR PULSECORE-PCS2I3805EG-20-AR Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
PCS2I3805EG-20-AT PULSECORE-PCS2I3805EG-20-AT Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
PCS2I3805EG-20-DR PULSECORE-PCS2I3805EG-20-DR Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
PCS2I3805EG-20-DT PULSECORE-PCS2I3805EG-20-DT Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
More results

Similar Description - PCS2I3805AG-20-ST

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
49FCT3805BQG8 IDT-49FCT3805BQG8 Datasheet
73Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805 IDT-IDT49FCT3805 Datasheet
62Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805B IDT-IDT49FCT3805B Datasheet
374Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3805AH ALSC-ASM2P3805AH Datasheet
534Kb / 13P
   3.3V CMOS Buffer Clock Driver
logo
Renesas Technology Corp
IDT49FCT3805B RENESAS-IDT49FCT3805B Datasheet
229Kb / 8P
   3.3V CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Pericom Semiconductor C...
PI49FCT3804 PERICOM-PI49FCT3804 Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805 Datasheet
431Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805_10 Datasheet
514Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Diodes Incorporated
PI49FCT3805 DIODES-PI49FCT3805_V01 Datasheet
1Mb / 12P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Integrated Device Techn...
QS532805 IDT-QS532805 Datasheet
97Kb / 6P
   GUARANTEED LOW SKEW 3.3V CMOS CLOCK DRIVER/BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com