Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5I2308AG-2-16-TR Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # ASM5I2308AG-2-16-TR
Description  3.3V Zero-Delay Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM5I2308AG-2-16-TR Datasheet(HTML) 6 Page - PulseCore Semiconductor

Back Button ASM5I2308AG-2-16-TR Datasheet HTML 2Page - PulseCore Semiconductor ASM5I2308AG-2-16-TR Datasheet HTML 3Page - PulseCore Semiconductor ASM5I2308AG-2-16-TR Datasheet HTML 4Page - PulseCore Semiconductor ASM5I2308AG-2-16-TR Datasheet HTML 5Page - PulseCore Semiconductor ASM5I2308AG-2-16-TR Datasheet HTML 6Page - PulseCore Semiconductor ASM5I2308AG-2-16-TR Datasheet HTML 7Page - PulseCore Semiconductor ASM5I2308AG-2-16-TR Datasheet HTML 8Page - PulseCore Semiconductor ASM5I2308AG-2-16-TR Datasheet HTML 9Page - PulseCore Semiconductor ASM5I2308AG-2-16-TR Datasheet HTML 10Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
November 2006
ASM5P2308A
rev 1.5
3.3V Zero Delay Buffer
16 of 16
Notice: The information in this document is subject to change without notice.
Switching Characteristics for ASM5P2308A Commercial Temperature Devices
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
1/t1
Output Frequency
30pF load, All devices
15
100
MHz
1/t1
Output Frequency
20pF load, -1H, -5H devices
8
15
133
MHz
t1/
Output Frequency
15pF load, -1, -2, -3, -4 devices
15
133
MHz
Duty Cycle
9= (t2 / t1) * 100
(-1, -2, -3, -4, -1H, -5H)
Measured at 1.4V, FOUT = <66.66MHz
30pF load
40.0
50.0
60.0
%
Duty Cycle
9= (t2 / t1) * 100
(-1, -2, -3, -4, -1H, -5H)
Measured at 1.4V, FOUT = <50MHz
15pF load
45.0
50.0
55.0
%
t3
Output Rise Time
9
(-1, -2, -3, -4)
Measured between 0.8V and 2.0V 30pF load
2.20
nS
t3
Output Rise Time
9
(-1, -2, -3, -4)
Measured between 0.8V and 2.0V 15pF load
1.50
nS
t3
Output Rise Time
9
(-1H, -5H)
Measured between 0.8V and 2.0V 30pF load
1.50
nS
t4
Output Fall Time
9
(-1, -2, -3, -4)
Measured between 2.0V and 0.8V 30pF load
2.20
nS
t4
Output Fall Time
9
(-1, -2, -3, -4)
Measured between 0.8V and 2.0V 15pF load
1.50
nS
t4
Output Fall Time
9
(-1H, -5H)
Measured between 2.0V and 0.8V 30pF load
1.25
nS
Output-to-output skew on same
bank (-1, -2, -3, -4)
9
All outputs equally loaded
200
pS
Output-to-output skew
(-1H, -5H)
All outputs equally loaded
200
Output bank A -to- output
Bank B skew (-1, -4, -5H)
All outputs equally loaded
200
t5
Output bank A -to- output
Bank B skew (-2, -3)
All outputs equally loaded
400
t6
Delay, REF Rising Edge to FBK
Rising Edge
9
Measured at VDD /2
0
±250
pS
t7
Device-to-Device Skew
9
Measured at VDD/2 on the FBK pins of the device
0
700
pS
Measured at 66.67MHz, loaded outputs, 15pF load
200
pS
Measured at 66.67MHz, loaded outputs, 30pF load
200
tJ
Cycle-to-cycle jitter
9
(-1, -1H, -4, -5H)
Measured at 133.3MHz, loaded outputs, 15pF
load
100
Measured at 66.67MHz, loaded outputs, 30pF load
400
pS
tJ
Cycle-to-cycle jitter
9
(-2, -3)
Measured at 66.67MHz, loaded outputs, 15pF
load
400
tLOCK
PLL Lock Time
9
Stable power supply, valid clock presented on REF
and FBK pins
1.0
mS
Note:
9. Parameter is guaranteed by design and characterization. Not 100% tested in production.


Similar Part No. - ASM5I2308AG-2-16-TR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I2308AG-2-16-TR ALSC-ASM5I2308AG-2-16-TR Datasheet
387Kb / 18P
   3.3V Zero-Delay Buffer
More results

Similar Description - ASM5I2308AG-2-16-TR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com