Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS3P622Z0xyG-16-SR Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # PCS3P622Z0xyG-16-SR
Description  Low Frequency Timing-Safe??Peak EMI reduction IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P622Z0xyG-16-SR Datasheet(HTML) 4 Page - PulseCore Semiconductor

  PCS3P622Z0xyG-16-SR Datasheet HTML 1Page - PulseCore Semiconductor PCS3P622Z0xyG-16-SR Datasheet HTML 2Page - PulseCore Semiconductor PCS3P622Z0xyG-16-SR Datasheet HTML 3Page - PulseCore Semiconductor PCS3P622Z0xyG-16-SR Datasheet HTML 4Page - PulseCore Semiconductor PCS3P622Z0xyG-16-SR Datasheet HTML 5Page - PulseCore Semiconductor PCS3P622Z0xyG-16-SR Datasheet HTML 6Page - PulseCore Semiconductor PCS3P622Z0xyG-16-SR Datasheet HTML 7Page - PulseCore Semiconductor PCS3P622Z0xyG-16-SR Datasheet HTML 8Page - PulseCore Semiconductor PCS3P622Z0xyG-16-SR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PCS3P622Z05B/C
May 2008
PCS3P622Z09B/C
rev 0.1
Low Frequency Timing-Safe™ Peak EMI Reduction IC
4 of 15
Notice: The information in this document is subject to change without notice.
Pin Configuration for PCS3P622Z09B/C
Pin Description for PCS3P622Z09B/C
Pin #
Pin Name
Pin Type
Description
1
CLKIN
1
I
External reference Clock input, 5V tolerant input
2
CLKOUTA1
2
O
Buffered clock Bank A output
4
3
CLKOUTA2
2
O
Buffered clock Bank A output
4
4
VDD
P
3.3V supply
5
GND
P
Ground
6
CLKOUTB1
2
O
Buffered clock Bank B output
4
7
CLKOUTB2
2
O
Buffered clock Bank B output
4
8
S2
3
I
Select input, bit 2.See Select Input Decoding table for PCS3P622Z09 for more details
9
S1
3
I
Select input, bit 1.See Select Input Decoding table for PCS3P622Z09 for more details
10
CLKOUTB3
2
O
Buffered clock Bank B output
4
11
CLKOUTB4
2
O
Buffered clock Bank B output
4
12
GND
P
Ground
13
VDD
P
3.3V supply
14
CLKOUTA3
2
O
Buffered clock Bank A output
4
15
CLKOUTA4
2
O
Buffered clock Bank A output
4
16
DLY_CTRL
2
O
External Input-Output Delay control. This pin can be used as clock output
Notes: 1. Weak pull down
2. Weak pull-down on all outputs
3. Weak pull-up on these Inputs
4. Buffered clock output is Timing-Safe™
1
2
3
4
13
14
15
16
PCS3P622Z09B/C
5
6
7
8
9
10
11
12
CLKOUTA3
CLKOUTA4
CLKOUTB3
CLKOUTB4
VDD
GND
S1
DLY_CTRL
VDD
GND
CLKOUTB1
CLKOUTB2
CLKOUTA1
CLKIN
CLKOUTA2
S2


Similar Part No. - PCS3P622Z0xyG-16-SR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P622Z05B ONSEMI-PCS3P622Z05B Datasheet
168Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P622Z05C ONSEMI-PCS3P622Z05C Datasheet
168Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P622Z09B ONSEMI-PCS3P622Z09B Datasheet
168Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P622Z09C ONSEMI-PCS3P622Z09C Datasheet
168Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
More results

Similar Description - PCS3P622Z0xyG-16-SR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
ASM3P622S00A PULSECORE-ASM3P622S00A Datasheet
732Kb / 16P
   Low Frequency Timing-Safe??Peak EMI reduction IC
ASM3P622S00B PULSECORE-ASM3P622S00B Datasheet
550Kb / 15P
   Low Frequency Timing-Safe??Peak EMI reduction IC
ASM3P622S01B PULSECORE-ASM3P622S01B Datasheet
489Kb / 12P
   Low Frequency Timing-Safe??Peak EMI reduction IC
PCS3P625Z05B PULSECORE-PCS3P625Z05B Datasheet
552Kb / 15P
   High Frequency Timing-Safe??Peak EMI reduction IC
PCS3P624Z05B PULSECORE-PCS3P624Z05B Datasheet
551Kb / 15P
   High Frequency Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S00B PULSECORE-ASM3P623S00B Datasheet
550Kb / 15P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A_14 Datasheet
147Kb / 8P
   Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com