Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS3I623Z0xyG-16-ST Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # PCS3I623Z0xyG-16-ST
Description  Timing-Safe??Peak EMI reduction IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3I623Z0xyG-16-ST Datasheet(HTML) 1 Page - PulseCore Semiconductor

  PCS3I623Z0xyG-16-ST Datasheet HTML 1Page - PulseCore Semiconductor PCS3I623Z0xyG-16-ST Datasheet HTML 2Page - PulseCore Semiconductor PCS3I623Z0xyG-16-ST Datasheet HTML 3Page - PulseCore Semiconductor PCS3I623Z0xyG-16-ST Datasheet HTML 4Page - PulseCore Semiconductor PCS3I623Z0xyG-16-ST Datasheet HTML 5Page - PulseCore Semiconductor PCS3I623Z0xyG-16-ST Datasheet HTML 6Page - PulseCore Semiconductor PCS3I623Z0xyG-16-ST Datasheet HTML 7Page - PulseCore Semiconductor PCS3I623Z0xyG-16-ST Datasheet HTML 8Page - PulseCore Semiconductor PCS3I623Z0xyG-16-ST Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PCS3P623Z05A/B
May 2008
PCS3P623Z09A/B
rev 0.1
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200 Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Timing-Safe™ Peak EMI reduction IC
General Features
Clock distribution with Timing-Safe™ Peak EMI
Reduction
Input frequency range: 20MHz - 50MHz
Multiple low skew Timing-safe™ Outputs:
PCS3P623Z05: 5 Outputs
PCS3P623Z09: 9 Outputs
External Input-Output Delay Control option
Supply Voltage: 3.3V±0.3V
Commercial and Industrial temperature range
Packaging Information:
ASM3P623Z05: 8 pin SOIC, and TSSOP
ASM3P623Z09:16 pin SOIC, and TSSOP
True Drop-in Solution for Zero Delay Buffer,
ASM5P2305A / 09A
Functional Description
PCS3P623Z05/09 is a versatile, 3.3V Zero-delay buffer
designed to distribute Timing-Safe™ clocks with Peak EMI
reduction. PCS3P623Z05 is an eight-pin version, accepts
one reference input and drives out five low-skew Timing-
Safe™ clocks. PCS3P623Z09 accepts one reference input
and drives out nine low-skew Timing-Safe™clocks.
PCS3P623Z05/09 has a DLY_CTRL for adjusting the
Input-Output clock delay, depending upon the value of
capacitor connected at this pin to GND.
PCS3P623Z05/09 operates from a 3.3V supply and is
available in two different packages, as shown in the
ordering information table, over commercial and Industrial
temperature range.
Application
PCS3P623Z05/09 is targeted for use in Displays and
memory interface systems.
General Block Diagram
PLL
DLY_CTRL
CLKOUT1
CLKOUT2
CLKOUT3
CLKOUT4
PCS3P623Z05A/B
CLKIN
CLKIN
DLY_CTRL
PLL
MUX
CLKOUTA1
CLKOUTA2
CLKOUTA3
CLKOUTA4
CLKOUTB1
CLKOUTB2
CLKOUTB3
CLKOUTB4
Select Input
Decoding
S2
S1
PCS3P623Z09A/B


Similar Part No. - PCS3I623Z0xyG-16-ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3I6200AG-06JR PULSECORE-PCS3I6200AG-06JR Datasheet
282Kb / 7P
   Spread Spectrum EMI reduction IC for HD Display
logo
ON Semiconductor
PCS3I6200AG-06JR ONSEMI-PCS3I6200AG-06JR Datasheet
134Kb / 6P
   Spread Spectrum EMI Reduction IC for HD Display
JANUARY 2010 ??Rev. 1
logo
PulseCore Semiconductor
PCS3I622Z00xyG-08-TT PULSECORE-PCS3I622Z00xyG-08-TT Datasheet
552Kb / 15P
   Low Frequency Timing-Safe??Peak EMI reduction IC
PCS3I622Z0xyG-08-SR PULSECORE-PCS3I622Z0xyG-08-SR Datasheet
552Kb / 15P
   Low Frequency Timing-Safe??Peak EMI reduction IC
PCS3I622Z0xyG-08-ST PULSECORE-PCS3I622Z0xyG-08-ST Datasheet
552Kb / 15P
   Low Frequency Timing-Safe??Peak EMI reduction IC
More results

Similar Description - PCS3I623Z0xyG-16-ST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S00B PULSECORE-ASM3P623S00B Datasheet
550Kb / 15P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A_14 Datasheet
147Kb / 8P
   Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
P3P623S05A ONSEMI-P3P623S05A Datasheet
197Kb / 11P
   Timing-Safe??Peak EMI Reduction IC
July 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S01B PULSECORE-ASM3P623S01B Datasheet
478Kb / 12P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S00B PULSECORE-ASM3P623S00B_1 Datasheet
640Kb / 18P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S05 PULSECORE-ASM3P623S05 Datasheet
703Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com