Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS5I961PG-32LR Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # PCS5I961PG-32LR
Description  Low Voltage Zero Delay Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5I961PG-32LR Datasheet(HTML) 3 Page - PulseCore Semiconductor

  PCS5I961PG-32LR Datasheet HTML 1Page - PulseCore Semiconductor PCS5I961PG-32LR Datasheet HTML 2Page - PulseCore Semiconductor PCS5I961PG-32LR Datasheet HTML 3Page - PulseCore Semiconductor PCS5I961PG-32LR Datasheet HTML 4Page - PulseCore Semiconductor PCS5I961PG-32LR Datasheet HTML 5Page - PulseCore Semiconductor PCS5I961PG-32LR Datasheet HTML 6Page - PulseCore Semiconductor PCS5I961PG-32LR Datasheet HTML 7Page - PulseCore Semiconductor PCS5I961PG-32LR Datasheet HTML 8Page - PulseCore Semiconductor PCS5I961PG-32LR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
November 2006
PCS5I961P
rev 0.3
Low Voltage Zero Delay Buffer
3 of 14
Notice: The information in this document is subject to change without notice.
Table 2: Function Table
Control
Default
0
1
F_RANGE
0
PLL high frequency range. PCS5I961P input
reference and output clock frequency range is
100 – 200 MHz
PLL low frequency range. PCS5I961P input
reference and output clock frequency range is
50 – 100 MHz
OE
¯¯
0
Outputs enabled
Outputs disabled (high–impedance state)
Table 3: Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
-0.3
3.6
V
VIN
DC Input Voltage
-0.3
VCC + 0.3
V
VOUT
DC Output Voltage
-0.3
VCC + 0.3
V
IIN
DC Input Current
±20
mA
IOUT
DC Output Current
±50
mA
TS
Storage Temperature Range
-40
125
°C
TDV
Static Discharge Voltage
(As per JEDEC STD 22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Table 4: DC Characteristics (V
CC = 3.3V ± 5%, TA = -40°C to +85°C)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
2.0
VCC + 0.3
V
LVCMOS
VIL
Input LOW Voltage
-0.3
0.8
V
LVCMOS
VPP
Peak–to–peak input voltage
1
PECL_CLK, PECL_CLK
¯¯¯¯¯¯¯¯¯¯
500
1000
mV
LVPECL
VCMR
Common Mode Range
1
PECL_CLK, PECL_CLK
¯¯¯¯¯¯¯¯¯¯
1.2
VCC - 0.8
V
LVPECL
VOH
Output HIGH Voltage
2.4
V
IOH = –20mA
2
VOL
Output LOW Voltage
0.55
V
IOL = 20mA
2
ZOUT
Output Impedance
14
20
IIN
Input Current
±120
mA
CIN
Input Capacitance
4.0
pF
CPD
Power Dissipation Capacitance
8.0
10
pF
Per Output
ICCA
Maximum PLL Supply Current
2.0
5.0
mA
VCCA Pin
ICC
Maximum Quiescent Supply Current
mA
All VCC Pins
VTT
Output Termination Voltage
VCC÷2
V
Notes:
1. Exceeding the specified VCMR/VPP window results in a tPD changes of approx. 250pS.
2. The PCS5I961P is capable of driving 50
Ω transmission lines on the incident edge. Each output drives one 50Ω parallel terminated transmission line to a
termination voltage of VTT. Alternatively, the device drives up two 50Ω series terminated transmission lines.


Similar Part No. - PCS5I961PG-32LR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I961C PULSECORE-PCS5I961C Datasheet
628Kb / 14P
   Low Voltage Zero Delay Buffer
PCS5I961CG-32-ET PULSECORE-PCS5I961CG-32-ET Datasheet
628Kb / 14P
   Low Voltage Zero Delay Buffer
PCS5I961CG-32-LT PULSECORE-PCS5I961CG-32-LT Datasheet
628Kb / 14P
   Low Voltage Zero Delay Buffer
More results

Similar Description - PCS5I961PG-32LR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I961P ALSC-ASM5I961P Datasheet
625Kb / 14P
   Low Voltage Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I961C PULSECORE-PCS5I961C Datasheet
628Kb / 14P
   Low Voltage Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I961C ALSC-ASM5I961C Datasheet
685Kb / 15P
   Low Voltage Zero Delay Buffer
logo
Renesas Technology Corp
MPC961P RENESAS-MPC961P Datasheet
587Kb / 14P
   Low Voltage Zero Delay Buffer
October 4, 2016
logo
Motorola, Inc
MPC961C MOTOROLA-MPC961C Datasheet
169Kb / 12P
   LOW VOLTAGE ZERO DELAY BUFFER
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
   Zero Delay, Low Skew Buffer
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
   ZERO DELAY, LOW SKEW BUFFER
072710
logo
Integrated Device Techn...
ICS574MLFT IDT-ICS574MLFT Datasheet
168Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com