Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS3I624Z0xyG-16-SR Datasheet(PDF) 8 Page - PulseCore Semiconductor

Part # PCS3I624Z0xyG-16-SR
Description  High Frequency Timing-Safe??Peak EMI reduction IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3I624Z0xyG-16-SR Datasheet(HTML) 8 Page - PulseCore Semiconductor

Back Button PCS3I624Z0xyG-16-SR Datasheet HTML 4Page - PulseCore Semiconductor PCS3I624Z0xyG-16-SR Datasheet HTML 5Page - PulseCore Semiconductor PCS3I624Z0xyG-16-SR Datasheet HTML 6Page - PulseCore Semiconductor PCS3I624Z0xyG-16-SR Datasheet HTML 7Page - PulseCore Semiconductor PCS3I624Z0xyG-16-SR Datasheet HTML 8Page - PulseCore Semiconductor PCS3I624Z0xyG-16-SR Datasheet HTML 9Page - PulseCore Semiconductor PCS3I624Z0xyG-16-SR Datasheet HTML 10Page - PulseCore Semiconductor PCS3I624Z0xyG-16-SR Datasheet HTML 11Page - PulseCore Semiconductor PCS3I624Z0xyG-16-SR Datasheet HTML 12Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PCS3P624Z05B/C
May 2008
PCS3P624Z09B/C
rev 0.1
High Frequency Timing-Safe™ Peak EMI Reduction IC
8 of 15
Notice: The information in this document is subject to change without notice.
Device - Device Skew
Input-Output Skew
Test Circuit
A Typical example of Timing-Safe™ waveform
VDD
GND
CLKOUT
LOAD
OUTPUT
0.1uF
+3.3V
0.1uF
+3.3V
VDD
TSKEW -
One clock cycle
N=1
TSKEW+
Input
Timing-Safe™
Output
TSKEW represents input-output skew
when spread spectrum is ON
For example,
TSKEW = ± 0.125 for an
Input clock12MHz, translates in to
(1/12MHz) * 0.125=10.41nS
Input
CLKOUT with SSOFF
Input
Timing-Safe™ CLKOUT
t 7
CLKOUT, Device 1
VDD/2
VDD/2
CLKOUT, Device 2


Similar Part No. - PCS3I624Z0xyG-16-SR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3I6200AG-06JR PULSECORE-PCS3I6200AG-06JR Datasheet
282Kb / 7P
   Spread Spectrum EMI reduction IC for HD Display
logo
ON Semiconductor
PCS3I6200AG-06JR ONSEMI-PCS3I6200AG-06JR Datasheet
134Kb / 6P
   Spread Spectrum EMI Reduction IC for HD Display
JANUARY 2010 ??Rev. 1
logo
PulseCore Semiconductor
PCS3I622Z00xyG-08-TT PULSECORE-PCS3I622Z00xyG-08-TT Datasheet
552Kb / 15P
   Low Frequency Timing-Safe??Peak EMI reduction IC
PCS3I622Z0xyG-08-SR PULSECORE-PCS3I622Z0xyG-08-SR Datasheet
552Kb / 15P
   Low Frequency Timing-Safe??Peak EMI reduction IC
PCS3I622Z0xyG-08-ST PULSECORE-PCS3I622Z0xyG-08-ST Datasheet
552Kb / 15P
   Low Frequency Timing-Safe??Peak EMI reduction IC
More results

Similar Description - PCS3I624Z0xyG-16-SR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3P625Z05B PULSECORE-PCS3P625Z05B Datasheet
552Kb / 15P
   High Frequency Timing-Safe??Peak EMI reduction IC
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
ASM3P622S00A PULSECORE-ASM3P622S00A Datasheet
732Kb / 16P
   Low Frequency Timing-Safe??Peak EMI reduction IC
ASM3P622S00B PULSECORE-ASM3P622S00B Datasheet
550Kb / 15P
   Low Frequency Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
PCS3P622Z05B PULSECORE-PCS3P622Z05B Datasheet
552Kb / 15P
   Low Frequency Timing-Safe??Peak EMI reduction IC
ASM3P622S01B PULSECORE-ASM3P622S01B Datasheet
489Kb / 12P
   Low Frequency Timing-Safe??Peak EMI reduction IC
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S00B PULSECORE-ASM3P623S00B Datasheet
550Kb / 15P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A_14 Datasheet
147Kb / 8P
   Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com