Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS5I9350G-32-LT Datasheet(PDF) 8 Page - PulseCore Semiconductor

Part # PCS5I9350G-32-LT
Description  3.3V 1:10 LVCMOS PLL Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5I9350G-32-LT Datasheet(HTML) 8 Page - PulseCore Semiconductor

Back Button PCS5I9350G-32-LT Datasheet HTML 4Page - PulseCore Semiconductor PCS5I9350G-32-LT Datasheet HTML 5Page - PulseCore Semiconductor PCS5I9350G-32-LT Datasheet HTML 6Page - PulseCore Semiconductor PCS5I9350G-32-LT Datasheet HTML 7Page - PulseCore Semiconductor PCS5I9350G-32-LT Datasheet HTML 8Page - PulseCore Semiconductor PCS5I9350G-32-LT Datasheet HTML 9Page - PulseCore Semiconductor PCS5I9350G-32-LT Datasheet HTML 10Page - PulseCore Semiconductor PCS5I9350G-32-LT Datasheet HTML 11Page - PulseCore Semiconductor PCS5I9350G-32-LT Datasheet HTML 12Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
November 2006
PCS5I9350
rev 0.3
3.3V 1:10 LVCMOS PLL Clock Generator
8 of 12
Notice: The information in this document is subject to change without notice.
Figure 1. AC Test Reference for VDD = 3.3V / 2.5V
%
100
×
=
To
tP
DC
Figure 2. Output Duty Cycle (DC)
Figure 3. Output-to-Output Skew , tsk(O)
Table 3. Suggested Oscillator Crystal Parameters
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Frequency Tolerance
TC
-
-
±100
ppm
Frequency Temperature
Stability
TS
(TA–10 +60C)
-
-
±00
ppm
Aging
TA
First three years @ 25°C
-
-
5
ppm/yr
Load Capacitance
CL
Crystal’s rated load
-
20
-
pF
Effective Series Resistance
RESR
-
40
80
tSK(0)
VDD
VDD/2
GND
VDD
VDD/2
GND
Pulse
Generator
Z = 50 ohm
Zo = 50 ohm
RT = 50 ohm
VTT
VTT
Zo = 50 ohm
RT = 50 ohm
LVCMOS_CLK
VDD
VDD/2
GND
tP
T0


Similar Part No. - PCS5I9350G-32-LT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I9351 PULSECORE-PCS5I9351 Datasheet
512Kb / 13P
   2.5V or 3.3V, 200MHz, 9-Output Zero Delay Buffer
PCS5I9351G-32-ET PULSECORE-PCS5I9351G-32-ET Datasheet
512Kb / 13P
   2.5V or 3.3V, 200MHz, 9-Output Zero Delay Buffer
PCS5I9351G-32-LT PULSECORE-PCS5I9351G-32-LT Datasheet
512Kb / 13P
   2.5V or 3.3V, 200MHz, 9-Output Zero Delay Buffer
PCS5I9352 PULSECORE-PCS5I9352 Datasheet
498Kb / 12P
   2.5V or 3.3V, 200MHz, 11 Output Zero Delay Buffer
PCS5I9352G-32-ET PULSECORE-PCS5I9352G-32-ET Datasheet
498Kb / 12P
   2.5V or 3.3V, 200MHz, 11 Output Zero Delay Buffer
More results

Similar Description - PCS5I9350G-32-LT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I9658 PULSECORE-PCS5I9658 Datasheet
613Kb / 15P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9658 RENESAS-MPC9658 Datasheet
681Kb / 13P
   3.3V 1:10 LVCMOS PLL Clock Generator
2019
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
Motorola, Inc
MPC9658 MOTOROLA-MPC9658 Datasheet
292Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
Alliance Semiconductor ...
ASM5I9658 ALSC-ASM5I9658 Datasheet
579Kb / 14P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
PulseCore Semiconductor
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
   3.3V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9330 RENESAS-MPC9330 Datasheet
348Kb / 14P
   3.3V, 1:6, LVCMOS PLL Clock Generator
3/11/16
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
   3.3V 1:12 LVCMOS PLL Clock Generator
2019
logo
Alliance Semiconductor ...
ASM5I9653A ALSC-ASM5I9653A Datasheet
648Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com