Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS5I9351G-32-ET Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # PCS5I9351G-32-ET
Description  2.5V or 3.3V, 200MHz, 9-Output Zero Delay Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5I9351G-32-ET Datasheet(HTML) 6 Page - PulseCore Semiconductor

Back Button PCS5I9351G-32-ET Datasheet HTML 2Page - PulseCore Semiconductor PCS5I9351G-32-ET Datasheet HTML 3Page - PulseCore Semiconductor PCS5I9351G-32-ET Datasheet HTML 4Page - PulseCore Semiconductor PCS5I9351G-32-ET Datasheet HTML 5Page - PulseCore Semiconductor PCS5I9351G-32-ET Datasheet HTML 6Page - PulseCore Semiconductor PCS5I9351G-32-ET Datasheet HTML 7Page - PulseCore Semiconductor PCS5I9351G-32-ET Datasheet HTML 8Page - PulseCore Semiconductor PCS5I9351G-32-ET Datasheet HTML 9Page - PulseCore Semiconductor PCS5I9351G-32-ET Datasheet HTML 10Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
November 2006
PCS5I9351
rev 0.3
2.5V or 3.3V, 200MHz, 9-Output Zero Delay Buffer
6 of 13
Notice: The information in this document is subject to change without notice.
AC Electrical Specifications (V
DD = 2.5V ± 5%, TA = -40°C to +85°C)
1
Parameter
Description
Condition
Min
Typ
Max
Unit
fVCO
VCO Frequency
200
380
MHz
÷2 Feedback
100
190
÷4 Feedback
50
95
÷8 Feedback
25
47.5
fin
Input Frequency
Bypass mode (PLL_EN = 0)
0
200
MHz
frefDC
Input Duty Cycle
25
75
%
VPP
Peak-Peak Input Voltage
LVPECL
500
1000
mV
VCMR
Common Mode Range
2
LVPECL
1.2
VDD- 0.6
V
tr, tf
TCLK Input Rise/FallTime
0.7V to 1.7V
1.0
nS
÷2 Output
100
190
÷4 Output
50
95
fMAX
Maximum Output Frequency
÷8 Output
25
47.5
MHz
fMAX < 100MHz
47.5
52.5
DC
Output Duty Cycle
fMAX > 100MHz
45
55
%
tr, tf
Output Rise/Fall times
0.6V to 1.8V
0.1
1.0
nS
TCLK to FB_IN
-100
100
t(φ)
Propagation Delay
(static phase offset)
PCLK to FB_IN
-100
100
pS
tsk(O)
Output-to-Output Skew
150
pS
tPLZ, HZ
Output Disable Time
10
nS
tPZL, ZH
Output Enable Time
10
nS
÷2 Feedback
2.2
÷4 Feedback
0.85
BW
PLL Closed Loop Bandwidth
(–3dB)
÷8 Feedback
0.6
MHz
Same frequency
150
tJIT(CC)
Cycle-to-Cycle Jitter
Multiple frequencies
250
pS
Same frequency
100
tJIT(PER)
Period Jitter
Multiple frequencies
175
pS
tJIT(φ)
I/O Phase Jitter
175
pS
tLOCK
Maximum PLL Lock Time
1
mS
Note: 1 AC characteristics apply for parallel output termination of 50Ω to VTT. Parameters are guaranteed by characterization and are not 100% tested.
2. VCMR (AC) is the crosspoint of the differential input signal. Normal AC operation is obtained when the crosspoint is within the VCMR range and the input
swing lies within the VPP (AC) specification. Violation of VCMR or VPP impacts static phase offset t(φ).


Similar Part No. - PCS5I9351G-32-ET

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I9350 PULSECORE-PCS5I9350 Datasheet
490Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
PCS5I9350G-32-ET PULSECORE-PCS5I9350G-32-ET Datasheet
490Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
PCS5I9350G-32-LT PULSECORE-PCS5I9350G-32-LT Datasheet
490Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
PCS5I9352 PULSECORE-PCS5I9352 Datasheet
498Kb / 12P
   2.5V or 3.3V, 200MHz, 11 Output Zero Delay Buffer
PCS5I9352G-32-ET PULSECORE-PCS5I9352G-32-ET Datasheet
498Kb / 12P
   2.5V or 3.3V, 200MHz, 11 Output Zero Delay Buffer
More results

Similar Description - PCS5I9351G-32-ET

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I9775 PULSECORE-PCS5I9775 Datasheet
509Kb / 12P
   2.5V or 3.3V, 200MHz, 14 Output Zero Delay Buffer
PCS5I9352 PULSECORE-PCS5I9352 Datasheet
498Kb / 12P
   2.5V or 3.3V, 200MHz, 11 Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29351 CYPRESS-CY29351 Datasheet
286Kb / 8P
   2.5V or 3.3V, 200-MHz, 9-Output Zero Delay Buffer
CY29351 CYPRESS-CY29351_09 Datasheet
451Kb / 10P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
CY29351 CYPRESS-CY29351_08 Datasheet
316Kb / 10P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com