Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS5I9658G-32-LR Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # PCS5I9658G-32-LR
Description  3.3V 1:10 LVCMOS PLL Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5I9658G-32-LR Datasheet(HTML) 5 Page - PulseCore Semiconductor

  PCS5I9658G-32-LR Datasheet HTML 1Page - PulseCore Semiconductor PCS5I9658G-32-LR Datasheet HTML 2Page - PulseCore Semiconductor PCS5I9658G-32-LR Datasheet HTML 3Page - PulseCore Semiconductor PCS5I9658G-32-LR Datasheet HTML 4Page - PulseCore Semiconductor PCS5I9658G-32-LR Datasheet HTML 5Page - PulseCore Semiconductor PCS5I9658G-32-LR Datasheet HTML 6Page - PulseCore Semiconductor PCS5I9658G-32-LR Datasheet HTML 7Page - PulseCore Semiconductor PCS5I9658G-32-LR Datasheet HTML 8Page - PulseCore Semiconductor PCS5I9658G-32-LR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
November 2006
PCS5I9658
rev 0.3
3.3V 1:10 LVCMOS PLL Clock Generator
5 of 15
Notice: The information in this document is subject to change without notice.
Table 5: DC Characteristics (V
CC = 3.3V ± 5%, TA = -40°C to +85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input high voltage
2.0
VCC +0.3
V
LVCMOS
VIL
Input low voltage
0.8
V
LVCMOS
VPP
Peak-to-peak input voltage
(PCLK)
250
mV
LVPECL
VCMR
1
Common Mode Range
(PCLK)
1.0
VCC-0.6
V
LVPECL
VOH
Output High Voltage
2.4
V
IOH=-24 mA
2
VOL
Output Low Voltage
3
0.55
0.30
V
V
IOL=24mA
IOL=12mA
ZOUT
Output impedance
14 -17
IIN
Input Current
4
±200
µA
VIN=VCC or GND
ICC_PLL
Maximum PLL Supply Current
12
15
mA
VCC_PLL Pin
ICCQ
Maximum Quiescent Supply Current
13
15
mA
All VCC Pins
Note: 1. VCMR (DC) is the cross point of the differential input signal. Functional operation is obtained ,when the crosspoint is within the VCMR
range and the input swing lies within the VPP (DC) specification.
2.The PCS5I9658 is capable of driving 50Ωtransmission lines on the incident edge. Each output drives one 50Ωparallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50Ωseries terminated transmission lines.
3.The PCS5I9658 output levels are compatible to the MPC958 output levels.
4.Inputs have pull-down or pull-up resistors affecting the input current.


Similar Part No. - PCS5I9658G-32-LR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
PCS5I9653AG-32-ER PULSECORE-PCS5I9653AG-32-ER Datasheet
644Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
PCS5I9653AG-32-LR PULSECORE-PCS5I9653AG-32-LR Datasheet
644Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
More results

Similar Description - PCS5I9658G-32-LR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC9658 RENESAS-MPC9658 Datasheet
681Kb / 13P
   3.3V 1:10 LVCMOS PLL Clock Generator
2019
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
Motorola, Inc
MPC9658 MOTOROLA-MPC9658 Datasheet
292Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
Alliance Semiconductor ...
ASM5I9658 ALSC-ASM5I9658 Datasheet
579Kb / 14P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
PulseCore Semiconductor
PCS5I9350 PULSECORE-PCS5I9350 Datasheet
490Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
   3.3V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9330 RENESAS-MPC9330 Datasheet
348Kb / 14P
   3.3V, 1:6, LVCMOS PLL Clock Generator
3/11/16
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
   3.3V 1:12 LVCMOS PLL Clock Generator
2019
logo
Alliance Semiconductor ...
ASM5I9653A ALSC-ASM5I9653A Datasheet
648Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com