Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS5I9773 Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # PCS5I9773
Description  2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5I9773 Datasheet(HTML) 4 Page - PulseCore Semiconductor

  PCS5I9773 Datasheet HTML 1Page - PulseCore Semiconductor PCS5I9773 Datasheet HTML 2Page - PulseCore Semiconductor PCS5I9773 Datasheet HTML 3Page - PulseCore Semiconductor PCS5I9773 Datasheet HTML 4Page - PulseCore Semiconductor PCS5I9773 Datasheet HTML 5Page - PulseCore Semiconductor PCS5I9773 Datasheet HTML 6Page - PulseCore Semiconductor PCS5I9773 Datasheet HTML 7Page - PulseCore Semiconductor PCS5I9773 Datasheet HTML 8Page - PulseCore Semiconductor PCS5I9773 Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
September 2006
PCS5I9773
rev 0. 4
2.5V or 3.3V, 200 MHz, 12-Output Zero Delay Buffer
4 of 16
Notice: The information in this document is subject to change without notice.
‘SpreadTrak’
Many systems being designed now utilize a technology
called Spread Spectrum Frequency Timing Generation.
PCS5I9773 is designed so as not to filter off the Spread
Spectrum feature of the Reference Input, assuming it
exists.
When a zero delay buffer is not designed to pass the
Spread Spectrum feature through, the result is a
significant amount of tracking skew which may cause
problems in the systems requiring synchronization.
Table 1: Frequency Table
Feedback
Output Divider
VCO
Input Frequency Range
(AVDD = 3.3V)
Input Frequency Range
(AVDD = 2.5V)
÷4
Input Clock * 4
50MHz to 125MHz
50MHz to 95MHz
÷6
Input Clock * 6
33.3MHz to 83.3MHz
33.3MHz to 63.3MHz
÷8.
Input Clock * 8
25MHz to 62.5MHz
25MHz to 47.5MHz
÷10
Input Clock * 10
20MHz to 50MHz
20MHz to 38MHz
÷12
Input Clock * 12
16.6MHz to 41.6MHz
16.6MHz to 31.6MHz
÷16
Input Clock * 16
12.5MHz to 31.25MHz
12.5MHz to 23.75MHz
÷20
Input Clock * 20
10MHz to 25MHz
10 MHz to19MHz
÷24
Input Clock * 24
8.3MHz to 20.8MHz
8.3MHz to 15.8MHz
÷32
Input Clock * 32
6.25MHz to 15.625MHz
6.25MHz to 11.8MHz
÷40
Input Clock * 40
5MHz to 12.5MHz
5MHz to 9.5MHz
Table 2. Function Table (Configuration Controls)
Control
Default
0
1
REF_SEL
1
TCLK0, TCLK1
PECL_CLK
TCLK_SEL
1
TCLK0
TCLK1
VCO_SEL
1
VCO÷2 (low input frequency range)
VCO÷1
(high input frequency range)
PLL_EN
1
Bypass mode, PLL disabled. The input clock connects to
the output dividers
PLL enabled. The VCO output
connects to the output dividers
INV_CLK
1
QC2 and QC3 are in phase with QC0 and QC1
QC2 and QC3 are inverted
(180° phase shift) with respect to
QC0 and QC1
MR#/OE
1
Outputs disabled (three-state) and reset of the device.
During reset/output disable the PLL feedback loop is open
and the VCO running at its minimum frequency. The device
is reset by the internal power-on reset (POR) circuitry
during power-up.
Outputs enabled


Similar Part No. - PCS5I9773

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9772G-52-ER PULSECORE-PCS5I9772G-52-ER Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9772G-52-ET PULSECORE-PCS5I9772G-52-ET Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9774 PULSECORE-PCS5I9774 Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9774G-52-ER PULSECORE-PCS5I9774G-52-ER Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results

Similar Description - PCS5I9773

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9774 PULSECORE-PCS5I9774 Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29772 CYPRESS-CY29772 Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9774A ALSC-ASM5I9774A Datasheet
477Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com