Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS5P9772G-52-ET Datasheet(PDF) 11 Page - PulseCore Semiconductor

Part # PCS5P9772G-52-ET
Description  2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5P9772G-52-ET Datasheet(HTML) 11 Page - PulseCore Semiconductor

Back Button PCS5P9772G-52-ET Datasheet HTML 7Page - PulseCore Semiconductor PCS5P9772G-52-ET Datasheet HTML 8Page - PulseCore Semiconductor PCS5P9772G-52-ET Datasheet HTML 9Page - PulseCore Semiconductor PCS5P9772G-52-ET Datasheet HTML 10Page - PulseCore Semiconductor PCS5P9772G-52-ET Datasheet HTML 11Page - PulseCore Semiconductor PCS5P9772G-52-ET Datasheet HTML 12Page - PulseCore Semiconductor PCS5P9772G-52-ET Datasheet HTML 13Page - PulseCore Semiconductor PCS5P9772G-52-ET Datasheet HTML 14Page - PulseCore Semiconductor PCS5P9772G-52-ET Datasheet HTML 15Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
September 2006
PCS5I9772
rev 0.4
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
11 of 15
Notice: The information in this document is subject to change without notice.
Figure 2.
D0-D3 are the control bits for QA0-QA3, respectively
D4-D7 are the control bits for QB0-QB3, respectively
D8-D10 are the control bits for QC1-QC3, respectively
D11 is the control bit for SYNC
Table 7. Suggested Oscillator Crystal Parameters
Parameter
Description
Conditions
Min
Typ
Max
Unit
TC
Frequency Tolerance
-
-
±1100
PPM
TS
Frequency Temperature Stability
(TA–10° to +60°C)
-
-
± 100
PPM
TA
Aging
(First three years @ 25°C)
-
-
5
PPM/Yr
CL
Load Capacitance
The crystal’s rated load
-
20
-
pF
RESR
Effective Series Resistance
(ESR)
-
40
80
Ohm
Figure 3. LVCMOS_CLK AC Test Reference for VDD = 3.3V/2.5V
Figure 4. LVCMOS Propagation Delay t(
φ), Static Phase Offset
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9 D10 D11
Start
Bit
LVCMOS_CLK
VDD
VDD
VDD/2
VDD/2
GND
GND
t(
φ)
FB_IN
Pulse
Generator
Z = 50 ohm
Zo = 50 ohm
RT = 50 ohm
VTT
VTT
Zo = 50 ohm
RT = 50 ohm


Similar Part No. - PCS5P9772G-52-ET

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5P9773G-52-ER PULSECORE-PCS5P9773G-52-ER Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5P9773G-52-ET PULSECORE-PCS5P9773G-52-ET Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5P9774G-52-ER PULSECORE-PCS5P9774G-52-ER Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5P9774G-52-ET PULSECORE-PCS5P9774G-52-ET Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5P9775G-52-ER PULSECORE-PCS5P9775G-52-ER Datasheet
509Kb / 12P
   2.5V or 3.3V, 200MHz, 14 Output Zero Delay Buffer
More results

Similar Description - PCS5P9772G-52-ET

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9774 PULSECORE-PCS5I9774 Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29772 CYPRESS-CY29772 Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9774A ALSC-ASM5I9774A Datasheet
477Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com