Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC2603DW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC2603DW
Description  6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC2603DW Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPIC2603DW Datasheet HTML 6Page - Texas Instruments TPIC2603DW Datasheet HTML 7Page - Texas Instruments TPIC2603DW Datasheet HTML 8Page - Texas Instruments TPIC2603DW Datasheet HTML 9Page - Texas Instruments TPIC2603DW Datasheet HTML 10Page - Texas Instruments TPIC2603DW Datasheet HTML 11Page - Texas Instruments TPIC2603DW Datasheet HTML 12Page - Texas Instruments TPIC2603DW Datasheet HTML 13Page - Texas Instruments TPIC2603DW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TPIC2603
6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
SLIS056A – FEBRUARY 1995 – REVISED MARCH 1996
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
open-load/short-to-ground sensing
The TPIC2603 checks for open-load and short-to-ground conditions when the output is turned OFF. When the
output turns OFF, a 40-
µA current source switches onto the drain. Under normal conditions, the load provides
adequate current to overcome the current source and the drain voltage remains above the open-load detection
threshold. When the output is open, then the current source pulls the drain low and an open-load condition is
flagged. The open-load test is enabled approximately 70
µs after the output turns OFF to allow the drain to
stabilize. Figure 6 illustrates device operation under open-load conditions.
t(stb)
Glitches
Control
Register
DRAIN
Fault
Register
NORMAL
t(stb)
OPEN-LOAD
Control
Register
DRAIN
Fault
Register
Figure 6. Open-Load Condition
over-voltage sensing and protection
The TPIC2603 monitors the Vbat input terminal to protect the device and load from over-battery voltage
conditions. The device disables all of the drain outputs when Vbat goes above 35 V. An over-battery voltage
hysteresis is provided to prevent the outputs from transiting ON and OFF erratically near the over-voltage
threshold. The device automatically returns to normal operation after the over-voltage condition has been
corrected. Figure 7 illustrates device operation under an over-battery voltage condition.
34 V
35 V
Vbat (Typ)
All Drains
Fault Bit
Figure 7. Over-Battery Voltage Condition


Similar Part No. - TPIC2603DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2603DW TI-TPIC2603DW Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DWG4 TI-TPIC2603DWG4 Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DWR TI-TPIC2603DWR Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DWRG4 TI-TPIC2603DWRG4 Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
More results

Similar Description - TPIC2603DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2603DWG4 TI-TPIC2603DWG4 Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01 Datasheet
122Kb / 1P
   Low side driver (8 channel, serial interface)
logo
Texas Instruments
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860 TI1-DRV8860_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel Serial Interface Low-Side Driver
DRV8804 TI1-DRV8804 Datasheet
581Kb / 15P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8804 TI1-DRV8804_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8806 TI1-DRV8806_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8804 TI-DRV8804_15 Datasheet
956Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804PWP TI1-DRV8804PWP Datasheet
765Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com