Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS5P9773G-52-ET Datasheet(PDF) 10 Page - PulseCore Semiconductor

Part # PCS5P9773G-52-ET
Description  2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5P9773G-52-ET Datasheet(HTML) 10 Page - PulseCore Semiconductor

Back Button PCS5P9773G-52-ET Datasheet HTML 6Page - PulseCore Semiconductor PCS5P9773G-52-ET Datasheet HTML 7Page - PulseCore Semiconductor PCS5P9773G-52-ET Datasheet HTML 8Page - PulseCore Semiconductor PCS5P9773G-52-ET Datasheet HTML 9Page - PulseCore Semiconductor PCS5P9773G-52-ET Datasheet HTML 10Page - PulseCore Semiconductor PCS5P9773G-52-ET Datasheet HTML 11Page - PulseCore Semiconductor PCS5P9773G-52-ET Datasheet HTML 12Page - PulseCore Semiconductor PCS5P9773G-52-ET Datasheet HTML 13Page - PulseCore Semiconductor PCS5P9773G-52-ET Datasheet HTML 14Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
September 2006
PCS5I9773
rev 0. 4
2.5V or 3.3V, 200 MHz, 12-Output Zero Delay Buffer
10 of 16
Notice: The information in this document is subject to change without notice.
SYNC Output
In situations where output frequency relationships are not
integer multiples of each other the SYNC output provides
a signal for system synchronization. The PCS5I9773
monitors the relationship between the QA and the QC
output clocks. It provides a low going pulse, one period in
duration, one period prior to the coincident rising edges of
the QA and QC outputs. The duration and the placement
of the pulse depend on the higher of the QA and QC
output frequencies. The following timing diagram
illustrates various waveforms for the SYNC output. Note
that the SYNC output is defined for all possible
combinations of the QA and QC outputs even though
under some relationships the lower frequency clock could
be used as a synchronizing signal.


Similar Part No. - PCS5P9773G-52-ET

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5P9772G-52-ER PULSECORE-PCS5P9772G-52-ER Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5P9772G-52-ET PULSECORE-PCS5P9772G-52-ET Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5P9774G-52-ER PULSECORE-PCS5P9774G-52-ER Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5P9774G-52-ET PULSECORE-PCS5P9774G-52-ET Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5P9775G-52-ER PULSECORE-PCS5P9775G-52-ER Datasheet
509Kb / 12P
   2.5V or 3.3V, 200MHz, 14 Output Zero Delay Buffer
More results

Similar Description - PCS5P9773G-52-ET

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9774 PULSECORE-PCS5I9774 Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29772 CYPRESS-CY29772 Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9774A ALSC-ASM5I9774A Datasheet
477Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com