Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS5I9773G-52-ET Datasheet(PDF) 7 Page - PulseCore Semiconductor

Part # PCS5I9773G-52-ET
Description  2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5I9773G-52-ET Datasheet(HTML) 7 Page - PulseCore Semiconductor

Back Button PCS5I9773G-52-ET Datasheet HTML 3Page - PulseCore Semiconductor PCS5I9773G-52-ET Datasheet HTML 4Page - PulseCore Semiconductor PCS5I9773G-52-ET Datasheet HTML 5Page - PulseCore Semiconductor PCS5I9773G-52-ET Datasheet HTML 6Page - PulseCore Semiconductor PCS5I9773G-52-ET Datasheet HTML 7Page - PulseCore Semiconductor PCS5I9773G-52-ET Datasheet HTML 8Page - PulseCore Semiconductor PCS5I9773G-52-ET Datasheet HTML 9Page - PulseCore Semiconductor PCS5I9773G-52-ET Datasheet HTML 10Page - PulseCore Semiconductor PCS5I9773G-52-ET Datasheet HTML 11Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
September 2006
PCS5I9773
rev 0. 4
2.5V or 3.3V, 200 MHz, 12-Output Zero Delay Buffer
7 of 16
Notice: The information in this document is subject to change without notice.
AC Electrical Specifications (VDD = 2.5V ±5%, T
A = -40°C to +85°C)
7
Parameter
Description
Condition
Min
Typ
Max
Unit
fVCO
VCO Frequency
200
380
MHz
÷4 Feedback
50
95
÷6 Feedback
33.3
63.3
÷8 Feedback
25
47.5
÷10 Feedback
20
38
÷12 Feedback
16.6
31.6
÷16 Feedback
12.5
23.75
÷20 Feedback
10
19
÷24 Feedback
8.3
15.8
÷32 Feedback
6.25
11.8
÷40 Feedback
5
9.5
fin
Input Frequency
Bypass mode (PLL_EN = 0)
0
200
MHz
frefDC
Input Duty Cycle
25
75
%
VPP
Peak-Peak Input Voltage
LVPECL
500
1000
mV
VCMR
Common Mode Range
8
LVPECL
1.2
VDD– 0.6
V
tr, tf
TCLK Input Rise/FallTime
0.7V to 1.7V
1.0
nS
÷2 Output
100
190
÷4 Output
50
95
÷6 Output
33.3
63.3
÷8 Output
25
47.5
÷10 Output
20
38
÷12 Output
16.6
31.6
÷16 Output
12.5
23.75
÷20 Output
10
19
fMAX
Maximum Output Frequency
÷24 Output
8.3
15.8
MHz
fSCLK
Serial Clock Frequency
20
MHz
fMAX < 100MHz
47.5
52.5
DC
Output Duty Cycle
fMAX > 100MHz
45
55
%
tr, tf
Output Rise/Fall times
0.6V to 1.8V
0.1
1.0
nS
TCLK to FB_IN
-125
125
t(φ)
Propagation Delay
(static phase offset)
PCLK to FB_IN
-125
125
pS
Notes:
7. AC characteristics apply for parallel output termination of 50Ω to VTT. Outputs are at same supply voltage unless otherwise stated. Parameters are guaranteed
by characterization and are not 100% tested.
8. VCMR (AC) is the crosspoint of the differential input signal. Normal AC operation is obtained when the crosspoint is within the VCMR range and the input swing
lies within the VPP (AC) specification. Violation of VCMR or VPP impacts static phase offset t(φ).


Similar Part No. - PCS5I9773G-52-ET

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9772G-52-ER PULSECORE-PCS5I9772G-52-ER Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9772G-52-ET PULSECORE-PCS5I9772G-52-ET Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9774 PULSECORE-PCS5I9774 Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9774G-52-ER PULSECORE-PCS5I9774G-52-ER Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results

Similar Description - PCS5I9773G-52-ET

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9774 PULSECORE-PCS5I9774 Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29772 CYPRESS-CY29772 Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9774A ALSC-ASM5I9774A Datasheet
477Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com