Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS5P23Z05C Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # PCS5P23Z05C
Description  Multiple Output Timing-Safe??Peak EMI reduction IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5P23Z05C Datasheet(HTML) 4 Page - PulseCore Semiconductor

  PCS5P23Z05C Datasheet HTML 1Page - PulseCore Semiconductor PCS5P23Z05C Datasheet HTML 2Page - PulseCore Semiconductor PCS5P23Z05C Datasheet HTML 3Page - PulseCore Semiconductor PCS5P23Z05C Datasheet HTML 4Page - PulseCore Semiconductor PCS5P23Z05C Datasheet HTML 5Page - PulseCore Semiconductor PCS5P23Z05C Datasheet HTML 6Page - PulseCore Semiconductor PCS5P23Z05C Datasheet HTML 7Page - PulseCore Semiconductor PCS5P23Z05C Datasheet HTML 8Page - PulseCore Semiconductor PCS5P23Z05C Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PCS5P23Z05C
May 2007
PCS5P23Z09C
rev 0.3
Multiple Output Timing-Safe™ Peak EMI reduction IC
4 of 14
Notice: The information in this document is subject to change without notice.
Pin Description for PCS5P23Z05C
Pin #
Pin Name
Description
1
REF
Input reference frequency, 5V-tolerant input
2
CLK1
1
Buffered clock output
3
CLK2
1
Buffered clock output
4
GND
Ground
5
CLK3
1
Buffered clock output
6
VDD
3.3V supply
7
CLK4
1
Buffered clock output
8
CLKOUT
1,2
Buffered clock output, internal feedback on this pin
Notes: 1. Weak pull-down on these outputs
2. This output is driven and has an internal feedback for the PLL
3. Buffered clock outputs are Timing-Safe™
Pin Description for PCS5P23Z09C
Pin #
Pin Name
Description
1
REF
Input reference frequency, 5V tolerant input
2
CLKA1
1
Buffered clock output, bank A
3
CLKA2
1
Buffered clock output, bank A
4
VDD
3.3V supply
5
GND
Ground
6
CLKB1
1
Buffered clock output, bank B
7
CLKB2
1
Buffered clock output, bank B
8
S2
2
Select input, bit 2
9
S1
2
Select input, bit 1
10
CLKB3
1
Buffered clock output, bank B
11
CLKB4
1
Buffered clock output, bank B
12
GND
Ground
13
VDD
3.3V supply
14
CLKA3
1
Buffered clock output, bank A
15
CLKA4
1
Buffered clock output, bank A
16
CLKOUT
1,3
Buffered output, internal feedback on this pin
Notes: 1. Weak pull-down on these outputs
2. Weak pull-up on these inputs
3. This output is driven and has an internal feedback for the PLL.
4. Buffered clock outputs are Timing-Safe™


Similar Part No. - PCS5P23Z05C

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
PCS5P23Z05BF-08-SR PULSECORE-PCS5P23Z05BF-08-SR Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
PCS5P23Z05BF-08-ST PULSECORE-PCS5P23Z05BF-08-ST Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
PCS5P23Z05BF-08-TR PULSECORE-PCS5P23Z05BF-08-TR Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
PCS5P23Z05BF-08-TT PULSECORE-PCS5P23Z05BF-08-TT Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
More results

Similar Description - PCS5P23Z05C

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5P23Z05D PULSECORE-PCS5P23Z05D Datasheet
677Kb / 14P
   Multiple Output Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S00B PULSECORE-ASM3P623S00B Datasheet
550Kb / 15P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A_14 Datasheet
147Kb / 8P
   Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
P3P623S05A ONSEMI-P3P623S05A Datasheet
197Kb / 11P
   Timing-Safe??Peak EMI Reduction IC
July 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S01B PULSECORE-ASM3P623S01B Datasheet
478Kb / 12P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S00B PULSECORE-ASM3P623S00B_1 Datasheet
640Kb / 18P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S05 PULSECORE-ASM3P623S05 Datasheet
703Kb / 15P
   Timing-Safe??Peak EMI reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com