Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5P23S08AG-5H-16-TT Datasheet(PDF) 9 Page - PulseCore Semiconductor

Part # ASM5P23S08AG-5H-16-TT
Description  3.3V ?쁓preadTrak??Zero Delay Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM5P23S08AG-5H-16-TT Datasheet(HTML) 9 Page - PulseCore Semiconductor

Back Button ASM5P23S08AG-5H-16-TT Datasheet HTML 5Page - PulseCore Semiconductor ASM5P23S08AG-5H-16-TT Datasheet HTML 6Page - PulseCore Semiconductor ASM5P23S08AG-5H-16-TT Datasheet HTML 7Page - PulseCore Semiconductor ASM5P23S08AG-5H-16-TT Datasheet HTML 8Page - PulseCore Semiconductor ASM5P23S08AG-5H-16-TT Datasheet HTML 9Page - PulseCore Semiconductor ASM5P23S08AG-5H-16-TT Datasheet HTML 10Page - PulseCore Semiconductor ASM5P23S08AG-5H-16-TT Datasheet HTML 11Page - PulseCore Semiconductor ASM5P23S08AG-5H-16-TT Datasheet HTML 12Page - PulseCore Semiconductor ASM5P23S08AG-5H-16-TT Datasheet HTML 13Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
November 2006
ASM5P23S08A
rev 1.5
3.3V ‘SpreadTrak’ Zero Delay Buffer
9 of 17
Notice: The information in this document is subject to change without notice.
Switching Characteristics for ASM5I23S08 Industrial Temperature Devices
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
1/t1
Output Frequency
30pF load, All devices
15
100
MHz
1/t1
Output Frequency
20pF load, -5H devices
8
15
133
MHz
1/t1
Output Frequency
15pF load, -2, -3, -4 devices
15
133
MHz
Duty Cycle
11 = (t2 / t1) * 100
( -2, -3, -4, -1H, -5H)
Measured at 1.4V, FOUT = <66.66MHz 30pF load
40.0
50.0
60.0
%
Duty Cycle
11 = (t2 / t1) * 100
( -2, -3, -4, -1H, -5H)
Measured at 1.4V, FOUT = <50MHz 15pF load
45.0
50.0
55.0
%
t3
Output Rise Time
11 ( -2, -3, -4)
Measured between 0.8V and 2.0V 30pF load
2.50
nS
t3
Output Rise Time
11 ( -2, -3, -4)
Measured between 0.8V and 2.0V 15pF load
1.50
nS
t3
Output Rise Time
11 ( -5H)
Measured between 0.8V and 2.0V 30pF load
1.50
nS
t4
Output Fall Time
11 ( -2, -3, -4)
Measured between 2.0V and 0.8V 30pF load
2.50
nS
t4
Output Fall Time
11 ( -2, -3, -4)
Measured between 0.8V and 2.0V 15pF load
1.50
nS
t4
Output Fall Time
11 ( -5H)
Measured between 2.0V and 0.8V 30pF load
1.25
nS
Output-to-output skew on
same bank ( -2, -3, -4)
11
All outputs equally loaded
200
Output-to-output skew
( -5H)
All outputs equally loaded
200
Output bank A -to- output
bank B skew ( -4, -5H)
All outputs equally loaded
200
t5
Output bank A -to- output
bank B skew (-2, -3)
All outputs equally loaded
400
pS
t6
Delay, REF Rising Edge
to FBK Rising Edge
11
Measured at VDD /2
0
±250
pS
t7
Device-to-Device Skew
11
Measured at VDD/2 on the FBK pins of the device
0
700
pS
Measured at 66.67MHz, loaded outputs, 15 pF load
200
Measured at 66.67MHz, loaded outputs, 30 pF load
200
tJ
Cycle-to-cycle jitter
11
( -4, -5H)
Measured at 133MHz, loaded outputs, 15 pF load
100
pS
Measured at 66.67MHz, loaded outputs, 30pF load
400
tJ
Cycle-to-cycle jitter
11 (-2, -3)
Measured at 66.67MHz, loaded outputs, 15pF load
400
pS
tLOCK
PLL Lock Time
11
Stable power supply, valid clock presented on REF
and FBK pins
1.0
mS
Note: 11. Parameter is guaranteed by design and characterization. Not 100% tested in production.


Similar Part No. - ASM5P23S08AG-5H-16-TT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5P23S08AG-5H-16-TT ALSC-ASM5P23S08AG-5H-16-TT Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
More results

Similar Description - ASM5P23S08AG-5H-16-TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASMP5P23S04A PULSECORE-ASMP5P23S04A Datasheet
435Kb / 15P
   3.3V ?쁓preadTrak??Zero Delay Buffer
ASM5P23S05A PULSECORE-ASM5P23S05A Datasheet
368Kb / 18P
   3.3V ?쁓preadTrak??Zero Delay Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com