Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS5I9774G-52-ER Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # PCS5I9774G-52-ER
Description  2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5I9774G-52-ER Datasheet(HTML) 2 Page - PulseCore Semiconductor

  PCS5I9774G-52-ER Datasheet HTML 1Page - PulseCore Semiconductor PCS5I9774G-52-ER Datasheet HTML 2Page - PulseCore Semiconductor PCS5I9774G-52-ER Datasheet HTML 3Page - PulseCore Semiconductor PCS5I9774G-52-ER Datasheet HTML 4Page - PulseCore Semiconductor PCS5I9774G-52-ER Datasheet HTML 5Page - PulseCore Semiconductor PCS5I9774G-52-ER Datasheet HTML 6Page - PulseCore Semiconductor PCS5I9774G-52-ER Datasheet HTML 7Page - PulseCore Semiconductor PCS5I9774G-52-ER Datasheet HTML 8Page - PulseCore Semiconductor PCS5I9774G-52-ER Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
September 2006
PCS5I9774
rev 0.4
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
2 of 12
Notice: The information in this document is subject to change without notice.
Pin Configuration
VSS
1
2
4
3
5
6
7
8
9
10
11
52 51 50 49 48 47 46 45 44
41 40
14 15 16 17 18 19 20 21 22 23 24
39
38
37
36
35
34
33
32
31
30
29
MR#/OE
CLK_STP#
SELC
PLL_EN
SELA
TCLK_SEL
TCLK0
TCLK1
NC
SELB
FB_IN
QB4
VDDQB
QB3
VSS
QB2
VDDQB
QB1
VSS
VSS
FB_OUT
PCS5I9774
12
13
25 26
27
28
43 42
VDD
AVDD
VDDFB
NC


Similar Part No. - PCS5I9774G-52-ER

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9772G-52-ER PULSECORE-PCS5I9772G-52-ER Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9772G-52-ET PULSECORE-PCS5I9772G-52-ET Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9773G-52-ER PULSECORE-PCS5I9773G-52-ER Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results

Similar Description - PCS5I9774G-52-ER

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29772 CYPRESS-CY29772 Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9774A ALSC-ASM5I9774A Datasheet
477Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com