Electronic Components Datasheet Search |
|
PCS5I9775G-52-ET Datasheet(PDF) 8 Page - PulseCore Semiconductor |
|
PCS5I9775G-52-ET Datasheet(HTML) 8 Page - PulseCore Semiconductor |
8 / 12 page September 2006 PCS5I9775 rev 0.4 2.5V or 3.3V, 200MHz, 14 Output Zero Delay Buffer 8 of 12 Notice: The information in this document is subject to change without notice. AC Electrical Specifications 6 (VDD= 3.3V ± 5%, T A = -40°C to +85°C) Parameter Description Condition Min Typ Max Unit fVCO VCO Frequency 200 500 MHz ÷4 Feedback 50 125 ÷6 Feedback 33.3 83.3 ÷8 Feedback 25 62.5 ÷12 Feedback 16.7 41.6 ÷16 Feedback 12.5 31.3 ÷24 Feedback 8.3 20.8 ÷32 Feedback 6.3 15.6 ÷48 Feedback 4.2 10.4 fin Input Frequency Bypass mode (PLL_EN = 0) 0 200 MHz frefDC Input Duty Cycle 25 75 % tr, tf TCLK Input Rise/Fall Time 0.8V to 2.0V - 1.0 nS ÷2 Output 100 200 ÷4 Output 50 125 ÷6 Output 33.3 83.3 ÷8 Output 25 62.5 ÷12 Output 16.7 41.6 ÷16 Output 12.5 31.3 fMAX Maximum Output Frequency ÷24 Output 8.3 20.8 MHz DC Output Duty Cycle 45 55 % tr, tf Output Rise/Fall times 0.8V to 2.4V 0.1 1.0 nS t(φ) Propagation Delay (static phase offset) TCLK to FB_IN, same VDD, does not include jitter -100 100 pS tsk(O) Output-to-Output Skew Skew within Bank 150 pS Banks at same voltage, same frequency 150 Banks at same voltage, different frequency 225 tsk(B) Bank-to-Bank Skew Banks at different voltage 250 pS tPLZ, HZ Output Disable Time 10 nS tPZL, ZH Output Enable Time 10 nS VCO_SEL = 0 0.5 - 1.0 BW PLL Closed Loop Bandwidth (-3dB) VCO_SEL = 1 1.0 - 2.0 MHz Same frequency 150 tJIT(CC) Cycle-to-Cycle Jitter Multiple frequencies 300 pS tJIT(PER) Period Jitter 100 pS tJIT(φ) I/O Phase Jitter I/O at same VDD 150 pS tLOCK Maximum PLL Lock Time 1 mS |
Similar Part No. - PCS5I9775G-52-ET |
|
Similar Description - PCS5I9775G-52-ET |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |