Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC46L01 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC46L01
Description  6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC46L01 Datasheet(HTML) 1 Page - Texas Instruments

  TPIC46L01 Datasheet HTML 1Page - Texas Instruments TPIC46L01 Datasheet HTML 2Page - Texas Instruments TPIC46L01 Datasheet HTML 3Page - Texas Instruments TPIC46L01 Datasheet HTML 4Page - Texas Instruments TPIC46L01 Datasheet HTML 5Page - Texas Instruments TPIC46L01 Datasheet HTML 6Page - Texas Instruments TPIC46L01 Datasheet HTML 7Page - Texas Instruments TPIC46L01 Datasheet HTML 8Page - Texas Instruments TPIC46L01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TPIC46L01, TPIC46L02, TPIC46L03
6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
SLIS055A – NOVEMBER 1996 - REVISED SEPTEMBER 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 6-Channel Serial-in/Parallel-in Low-side
Pre-FET Driver
D Device Can Be Cascaded
D Internal 55-V Inductive Load Clamp and
VGS Protection Clamp for External Power
FETs
D Independent Shorted-Load/Short-to-Battery
Fault Detection on All Drain Terminals
D Independent Off-State Open-Load Fault
Sense
D Over-Battery-Voltage Lockout Protection
and Fault Reporting
D Under-Battery-Voltage Lockout Protection
for TPIC46L01 and TPIC46L02
D Asynchronous Open-Drain Fault Flag
D Device Output Can be Wire-ORed with
Multiple External Devices
D Fault Status Returned Through Serial
Output Terminal
D Internal Global Power-on Reset of Device
D High-Impedance CMOS Compatible Inputs
With Hysteresis
D TPIC46L01 and TPIC46L03 Disables the
Gate Output When a Shorted-Load Fault
Occurs
D TPIC46L02 Transitions the Gate Output to a
Low-Duty-Cycle PWM Mode When a
Shorted-Load Fault Occurs
description
The TPIC46L01, TPIC46L02, and TPIC46L03 are low-side predrivers that provide serial input interface and
parallel input interface to control six external field-effect transistor(FET) power switches such as offered in the
TI TPIC family of power arrays. These devices are designed primarily for low-frequency switching, inductive
load applications such as solenoids and relays. Fault status for each channel is available in a serial-data format.
Each driver channel has independent off-state open-load detection and on-state shorted-load/short-to-battery
detection. Battery overvoltage and undervoltage detection and shutdown are provided. Battery and output load
faults provide real-time fault reporting to the controller. Each channel also provides inductive-voltage-transient
protection for the external FET.
These devices provide control of output channels through a serial input interface or a parallel input interface.
A command to enable the output from either interface enables the respective channel GATE output to the
external FET. The serial input interface is recommended when the number of signals between the control device
and the predriver must be minimized, and the speed of operation is not critical. In applications where the
predriver must respond very quickly or asynchronously, the parallel input interface is recommended.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1997, Texas Instruments Incorporated
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
FLT
VCOMPEN
VCOMP
IN0
IN1
IN2
IN3
IN4
IN5
CS
SDO
SDI
SCLK
VCC
VBAT
GATE0
DRAIN0
GATE1
DRAIN1
DRAIN2
GATE2
GATE3
DRAIN3
DRAIN4
GATE4
DRAIN5
GATE5
GND
DB PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TPIC46L01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC46L01DB TI1-TPIC46L01DB Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L01DBG4 TI1-TPIC46L01DBG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L01DBLE TI1-TPIC46L01DBLE Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L01DBR TI1-TPIC46L01DBR Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L01DBRG4 TI1-TPIC46L01DBRG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
More results

Similar Description - TPIC46L01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC46L02DBRG4 TI1-TPIC46L02DBRG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
logo
STMicroelectronics
STPIC44L02 STMICROELECTRONICS-STPIC44L02 Datasheet
438Kb / 21P
   4 CHANNEL SERIAL AND PARALLEL LOW SIDE PRE-FET DRIVER
July 2003
logo
Texas Instruments
TPIC44L01 TI-TPIC44L01 Datasheet
268Kb / 20P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44L01DBRG4 TI-TPIC44L01DBRG4 Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44H01 TI1-TPIC44H01_15 Datasheet
982Kb / 32P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
TPIC44H01 TI-TPIC44H01 Datasheet
402Kb / 28P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
logo
Allegro MicroSystems
A3944 ALLEGRO-A3944 Datasheet
601Kb / 31P
   Automotive, Low-Side FET Pre-Driver
A3944KLPTR-T ALLEGRO-A3944KLPTR-T Datasheet
598Kb / 31P
   Automotive, Low-Side FET Pre-Driver
logo
Texas Instruments
TPIC2603 TI-TPIC2603 Datasheet
243Kb / 17P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DWG4 TI-TPIC2603DWG4 Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com