Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS5P23Z05BG-08-TR Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # PCS5P23Z05BG-08-TR
Description  Timing-Safe??Peak EMI reduction IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5P23Z05BG-08-TR Datasheet(HTML) 2 Page - PulseCore Semiconductor

  PCS5P23Z05BG-08-TR Datasheet HTML 1Page - PulseCore Semiconductor PCS5P23Z05BG-08-TR Datasheet HTML 2Page - PulseCore Semiconductor PCS5P23Z05BG-08-TR Datasheet HTML 3Page - PulseCore Semiconductor PCS5P23Z05BG-08-TR Datasheet HTML 4Page - PulseCore Semiconductor PCS5P23Z05BG-08-TR Datasheet HTML 5Page - PulseCore Semiconductor PCS5P23Z05BG-08-TR Datasheet HTML 6Page - PulseCore Semiconductor PCS5P23Z05BG-08-TR Datasheet HTML 7Page - PulseCore Semiconductor PCS5P23Z05BG-08-TR Datasheet HTML 8Page - PulseCore Semiconductor PCS5P23Z05BG-08-TR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
May 2007
PCS5P23Z05B/09B
rev 0.2
Timing-Safe™ Peak EMI Reduction IC
2 of 14
Notice: The information in this document is subject to change without notice.
CLKIN
CLK2
1
2
3
4
5
6
7
8
CLK3
CLK4
CLKOUT
GND
VDD
PCS5P23Z05B
CLK1
Spread Spectrum Frequency Generation
The clocks in digital systems are typically square waves
with a 50% duty cycle and as frequencies increase the
edge rates also get faster. Analysis shows that a square
wave is composed of fundamental frequency and
harmonics. The fundamental frequency and harmonics
generate the energy peaks that become the source of
EMI. Regulatory agencies test electronic equipment by
measuring the amount of peak energy radiated from the
equipment. In fact, the peak level allowed decreases as
the frequency increases. The standard methods of
reducing EMI are to use shielding, filtering, multi-layer
PCBs etc. These methods are expensive. Spread
spectrum clocking reduces the peak energy by reducing
the Q factor of the clock. This is done by slowly
modulating the clock frequency. The PCS5P23Z05B/09B
uses the center modulation spread spectrum technique in
which the modulated output frequency varies above and
below the reference frequency
with
a specified
modulation rate. With center modulation, the average
frequency is the same as the unmodulated frequency and
there is no performance degradation
Timing-Safe™ technology
Timing-Safe™ technology is the ability to modulate a
clock source with Spread Spectrum technology and
maintain synchronization with any associated data path.
Pin Configuration ( 8 Pin Device )
Pin Configuration ( 16 Pin Device )
1
2
3
4
13
14
15
16
5
6
7
8
9
10
11
12
CLKA3
CLKA4
CLKB3
CLKB4
VDD
CLKOUT
GND
S1
S2
CLKA2
VDD
CLKB1
CLKB2
CLKA1
CLKIN
PCS5P23Z09B
GND


Similar Part No. - PCS5P23Z05BG-08-TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5P23Z05C PULSECORE-PCS5P23Z05C Datasheet
679Kb / 14P
   Multiple Output Timing-Safe??Peak EMI reduction IC
PCS5P23Z05CG-08-SR PULSECORE-PCS5P23Z05CG-08-SR Datasheet
679Kb / 14P
   Multiple Output Timing-Safe??Peak EMI reduction IC
PCS5P23Z05CG-08-ST PULSECORE-PCS5P23Z05CG-08-ST Datasheet
679Kb / 14P
   Multiple Output Timing-Safe??Peak EMI reduction IC
PCS5P23Z05CG-08-TR PULSECORE-PCS5P23Z05CG-08-TR Datasheet
679Kb / 14P
   Multiple Output Timing-Safe??Peak EMI reduction IC
PCS5P23Z05CG-08-TT PULSECORE-PCS5P23Z05CG-08-TT Datasheet
679Kb / 14P
   Multiple Output Timing-Safe??Peak EMI reduction IC
More results

Similar Description - PCS5P23Z05BG-08-TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S00B PULSECORE-ASM3P623S00B Datasheet
550Kb / 15P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A_14 Datasheet
147Kb / 8P
   Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
P3P623S05A ONSEMI-P3P623S05A Datasheet
197Kb / 11P
   Timing-Safe??Peak EMI Reduction IC
July 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S01B PULSECORE-ASM3P623S01B Datasheet
478Kb / 12P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S00B PULSECORE-ASM3P623S00B_1 Datasheet
640Kb / 18P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S05 PULSECORE-ASM3P623S05 Datasheet
703Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P623Z05A PULSECORE-PCS3P623Z05A Datasheet
551Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com